| データシートサーチシステム |
|
16F1825 データシート(PDF) 134 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1825 データシート(HTML) 134 Page - Microchip Technology |
|
134 / 420 page ![]() PIC16F/LF1825/1829 DS41440A-page 134 Preliminary 2010 Microchip Technology Inc. 12.3.2 PORTB FUNCTIONS AND OUTPUT PRIORITIES Each PORTB pin is multiplexed with other functions. The pins, their combined functions and their output priorities are briefly described here. For additional information, refer to the appropriate section in this data sheet. When multiple outputs are enabled, the actual pin control goes to the peripheral with the lowest number in the following lists. Analog input and some digital input functions are not included in the list below. These input functions can remain active when the pin is configured as an output. Certain digital input functions override other port functions and are included in the priority list. RB4 1. SDA (MSSP) RB5 1. SDA2 (MSSP) (PIC16F1829 only) 2. RX/DT (EUSART) RB6 1. SCL/SCK (MSSP) RB7 1. TX/CK (EUSART) |