| データシートサーチシステム |
|
PIC18F23K22-E/SP データシート(PDF) 491 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/SP データシート(HTML) 491 Page - Microchip Technology |
|
491 / 496 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412C-page 491 PIC18(L)F2X/4XK22 Two-Word Instructions Example Cases .......................................................... 75 TXCON (Timer2/4/6) Register ......................................... 175 TXREG ............................................................................. 265 TXSTA Register ............................................................... 272 BRGH Bit ................................................................. 275 V Voltage Reference (VR) Specifications ........................................................... 439 VREF. SEE ADC Reference Voltage VREFCON0 Register ....................................................... 338 VREFCON1 (Digital-to-Analog Converter Control 0) Register .................................................................... 341 VREFCON2 (Digital-to-Analog Converter Control 1) Register .................................................................... 342 W Wake-up on Break ........................................................... 280 Watchdog Timer (WDT) ........................................... 349, 360 Associated Registers ............................................... 361 Control Register ....................................................... 361 Programming Considerations .................................. 360 WCOL ...................................................... 239, 242, 244, 246 WCOL Status Flag ................................... 239, 242, 244, 246 WDTCON Register .......................................................... 361 WWW Address ................................................................. 493 WWW, On-Line Support .................................................... 12 X XORLW ............................................................................ 407 XORWF ............................................................................ 408 |