| データシートサーチシステム |
|
PIC18F23K22-E/SS データシート(PDF) 321 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/SS データシート(HTML) 321 Page - Microchip Technology |
|
321 / 496 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412C-page 321 PIC18(L)F2X/4XK22 EXAMPLE 19-1: SETUP FOR CTMU CALIBRATION ROUTINES #include "p18cxxx.h" /**************************************************************************/ /*Setup CTMU *****************************************************************/ /**************************************************************************/ void setup(void) { //CTMUCONH/1 - CTMU Control registers CTMUCONH = 0x00; //make sure CTMU is disabled CTMUCONL = 0x90; //CTMU continues to run when emulator is stopped,CTMU continues //to run in idle mode,Time Generation mode disabled, Edges are blocked //No edge sequence order, Analog current source not grounded, trigger //output disabled, Edge2 polarity = positive level, Edge2 source = //source 0, Edge1 polarity = positive level, Edge1 source = source 0, //CTMUICON - CTMU Current Control Register CTMUICON = 0x01; //0.55uA, Nominal - No Adjustment /**************************************************************************/ //Setup AD converter; /**************************************************************************/ TRISA=0x04; //set channel 2 as an input // Configure AN2 as an analog channel ANSELAbits.ANSA2=1; TRISAbits.TRISA2=1; // ADCON2 ADCON2bits.ADFM=1; // Results format 1= Right justified ADCON2bits.ACQT=1; // Acquition time 7 = 20TAD 2 = 4TAD 1=2TAD ADCON2bits.ADCS=2; // Clock conversion bits 6= FOSC/64 2=FOSC/32 // ADCON1 ADCON1bits.PVCFG0 =0; // Vref+ = AVdd ADCON1bits.NVCFG1 =0; // Vref- = AVss // ADCON0 ADCON0bits.CHS=2; // Select ADC channel ADCON0bits.ADON=1; // Turn on ADC } |