データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T25-A230XF1 データシート(PDF) 3 Page - EPCOS

部品番号 T25-A230XF1
部品情報  SURGE ARRESTER 3-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

T25-A230XF1 データシート(HTML) 3 Page - EPCOS

  T25-A230XF1 Datasheet HTML 1Page - EPCOS T25-A230XF1 Datasheet HTML 2Page - EPCOS T25-A230XF1 Datasheet HTML 3Page - EPCOS T25-A230XF1 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surge arrester
B88069X8630xxxx
a)
3-electrode arrester
T25-A230XF1
KB AB E / KB AB PM
Issue 07 / 2007-10-18
Please read Cautions and warnings and
Page 3 of 4
Important notes at the end of this document.
a)
xxxx = B102 (100 pcs. on tray)
B502 (500 pcs. on tray)
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
3)
Test according to ITU-T Rec. K.12
4)
Tip or ring electrode to center electrode
5)
Total current through center electrode, half value through
tip respectively ring electrode.
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845
The arrester failsafe mechanism contains a solder pellet with a melting
temperature between 193 and 203 °C.
Dimensional drawing
Cautions and warnings
The short-circuit spring does not trigger until 180 °C is reached depending on the material. Care
must be taken to limit the thermal radiation onto adjacent parts to safe values.
Depending on the incorporation position, the surge arrester may have to be additionally secured
by mechanical means.
Surge arresters must not be operated directly in power supply networks.
Surge arresters may become hot in case of longer periods of current stress (danger of burning).
Surge arresters may be used only within their specified values. In case of overload, the head
contacts may fail or the component may be destroyed.
Damaged surge arresters must not be re-used.
Not to scale
Dimensions in mm
Non controlled document


同様の部品番号 - T25-A230XF1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
T25-10 ETC2-T25-10 Datasheet
99Kb / 1P
STA-KON Copper Tube Terminals
T25-12 ETC2-T25-12 Datasheet
99Kb / 1P
STA-KON Copper Tube Terminals
logo
Ferroxcube Internationa...
T25-3C90 FERROXCUBE-T25-3C90 Datasheet
41Kb / 3P
Ferrite toroids
T25-3E25 FERROXCUBE-T25-3E25 Datasheet
41Kb / 3P
Ferrite toroids
logo
List of Unclassifed Man...
T25-6 ETC2-T25-6 Datasheet
99Kb / 1P
STA-KON Copper Tube Terminals
More results

同様の説明 - T25-A230XF1

メーカー部品番号データシート部品情報
logo
EPCOS
B88069X4030T902 EPCOS-B88069X4030T902 Datasheet
70Kb / 4P
SURGE ARRESTER 3-electrode arrester
B88069X9420B502 EPCOS-B88069X9420B502 Datasheet
66Kb / 4P
SURGE ARRESTER 3-electrode arrester
B88069X3280B502 EPCOS-B88069X3280B502 Datasheet
57Kb / 4P
SURGE ARRESTER 3-electrode arrester
B88069X9360B502 EPCOS-B88069X9360B502 Datasheet
49Kb / 2P
SURGE ARRESTER 3-electrode arrester
B88069X9580B202 EPCOS-B88069X9580B202 Datasheet
28Kb / 2P
SURGE ARRESTER 3-electrode arrester
B88069X6990B102 EPCOS-B88069X6990B102 Datasheet
25Kb / 2P
SURGE ARRESTER 3-electrode arrester
B88069X2331T902 EPCOS-B88069X2331T902 Datasheet
69Kb / 4P
SURGE ARRESTER 3-electrode arrester
B88069X8160B502 EPCOS-B88069X8160B502 Datasheet
62Kb / 4P
SURGE ARRESTER 3-electrode arrester
B88069X3070C203 EPCOS-B88069X3070C203 Datasheet
54Kb / 4P
SURGE ARRESTER 3-electrode arrester
B88069X8220B502 EPCOS-B88069X8220B502 Datasheet
28Kb / 2P
SURGE ARRESTER 3-electrode arrester
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com