データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN7930 データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 BTN7930
部品情報  High Current PN Half Bridge NovalithIC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN7930 データシート(HTML) 3 Page - Infineon Technologies AG

  BTN7930 Datasheet HTML 1Page - Infineon Technologies AG BTN7930 Datasheet HTML 2Page - Infineon Technologies AG BTN7930 Datasheet HTML 3Page - Infineon Technologies AG BTN7930 Datasheet HTML 4Page - Infineon Technologies AG BTN7930 Datasheet HTML 5Page - Infineon Technologies AG BTN7930 Datasheet HTML 6Page - Infineon Technologies AG BTN7930 Datasheet HTML 7Page - Infineon Technologies AG BTN7930 Datasheet HTML 8Page - Infineon Technologies AG BTN7930 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
PG-TO263-7-1
PG-TO220-7-11
PG-TO220-7-12
Type
Package
Marking
BTN7930B
PG-TO263-7-1
BTN7930B
BTN7930P
PG-TO220-7-11
BTN7930P
BTN7930S
PG-TO220-7-12
BTN7930S
Data Sheet
3
Rev. 1.1, 2007-11-21
BTN7930B
BTN7930P
BTN7930S
High Current PN Half Bridge
NovalithIC™
1Overview
Features
Path resistance of max. 55 m
Ω @ 150 °C (typ. 28 mΩ @ 25 °C)
High Side: max. 17 m
Ω @ 150 °C (typ. 10 mΩ @ 25 °C)
Low Side: max. 38 m
Ω @ 150 °C (typ. 18 mΩ @ 25 °C)
(for BTN7930B (SMD))
Low quiescent current of typ. 7
μA @ 25 °C
PWM capability of up to 25 kHz combined with active freewheeling
Switched mode current limitation for reduced power dissipation
in overcurrent
Current limitation level of 20 A min. / 32 A typ. (low side)
Status flag diagnosis with current sense capability
Overtemperature shut down with latch behaviour
Overvoltage lock out
Undervoltage shut down
Driver circuit with logic level inputs
Adjustable slew rates for optimized EMI
Green Product (RoHS compliant)
AEC Qualified
Description
The BTN7930 is a integrated high current half bridge for motor
drive applications. It is part of the NovalithIC™ family containing one
p-channel highside MOSFET and one n-channel lowside MOSFET with
an integrated driver IC in one package. Due to the p-channel highside
switch the need for a charge pump is eliminated thus minimizing EMI.
Interfacing to a microcontroller is made easy by the integrated driver IC
which features logic level inputs, diagnosis with current sense, slew rate
adjustment, dead time generation and protection against over-
temperature, overvoltage, undervoltage, overcurrent and short circuit.
The BTN7930 provides a cost optimized solution for protected high
current PWM motor drives with very low board space consumption.


同様の部品番号 - BTN7930

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
More results

同様の説明 - BTN7930

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com