データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN7930 データシート(PDF) 7 Page - Infineon Technologies AG

部品番号 BTN7930
部品情報  High Current PN Half Bridge NovalithIC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN7930 データシート(HTML) 7 Page - Infineon Technologies AG

Back Button BTN7930 Datasheet HTML 3Page - Infineon Technologies AG BTN7930 Datasheet HTML 4Page - Infineon Technologies AG BTN7930 Datasheet HTML 5Page - Infineon Technologies AG BTN7930 Datasheet HTML 6Page - Infineon Technologies AG BTN7930 Datasheet HTML 7Page - Infineon Technologies AG BTN7930 Datasheet HTML 8Page - Infineon Technologies AG BTN7930 Datasheet HTML 9Page - Infineon Technologies AG BTN7930 Datasheet HTML 10Page - Infineon Technologies AG BTN7930 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
7
Rev. 1.1, 2007-11-21
High Current PN Half Bridge
BTN7930
General Product Characteristics
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Maximum Single Pulse Current
Figure 4
BTN7930 Maximum Single Pulse Current (
T
C < 85°C)
This diagram shows the maximum single pulse current that can be driven for a given pulse time
t
pulse. The
maximum reachable current may be smaller depending on the current limitation level. Pulse time may be limited
due to thermal protection of the device.
0
10
20
30
40
50
60
1,0E-03
1,0E-02
1,0E-01
1,0E+00
1,0E+01
t pulse[s]


同様の部品番号 - BTN7930

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
More results

同様の説明 - BTN7930

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com