データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN7975B データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 BTN7975B
部品情報  High Current PN Half Bridge NovalithIC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN7975B データシート(HTML) 3 Page - Infineon Technologies AG

  BTN7975B Datasheet HTML 1Page - Infineon Technologies AG BTN7975B Datasheet HTML 2Page - Infineon Technologies AG BTN7975B Datasheet HTML 3Page - Infineon Technologies AG BTN7975B Datasheet HTML 4Page - Infineon Technologies AG BTN7975B Datasheet HTML 5Page - Infineon Technologies AG BTN7975B Datasheet HTML 6Page - Infineon Technologies AG BTN7975B Datasheet HTML 7Page - Infineon Technologies AG BTN7975B Datasheet HTML 8Page - Infineon Technologies AG BTN7975B Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PG-TO263-7-1
Type
Package
Marking
BTN7975B
PG-TO263-7-1
BTN7975B
Data Sheet
3
Rev. 1.0, 2009-03-31
High Current PN Half Bridge
NovalithIC™
BTN7975B
1Overview
Features
Path resistance of max. 30.5 m
Ω @ 150 °C (typ. 16 mΩ @ 25 °C)
High Side: max. 12.8 m
Ω @ 150 °C (typ. 7 mΩ @ 25 °C)
Low Side: max. 17.7 m
Ω @ 150 °C (typ. 9 mΩ @ 25 °C)
Low quiescent current of typ. 7
μA @ 25 °C
PWM capability of up to 25 kHz combined with active freewheeling
Switched mode current limitation for reduced power dissipation
in overcurrent
Current limitation level of 50 A min. / 70 A typ. (low side)
Status flag diagnosis
Overtemperature shut down with latch behaviour
Overvoltage lock out
Undervoltage shut down
Driver circuit with logic level inputs
Adjustable slew rates for optimized EMI
Operation up to 28V
Green Product (RoHS compliant)
AEC Qualified
Description
The BTN7975B is an integrated high current half bridge for motor drive applications. It is part of the NovalithIC™
family containing one p-channel highside MOSFET and one n-channel lowside MOSFET with an integrated driver
IC in one package. Due to the p-channel highside switch the need for a charge pump is eliminated thus minimizing
EMI. Interfacing to a microcontroller is made easy by the integrated driver IC which features logic level inputs,
diagnosis with status flag, slew rate adjustment, dead time generation and protection against overtemperature,
overvoltage, undervoltage, overcurrent and short circuit.
The BTN7975B provides a cost optimized solution for protected high current PWM motor drives with very low
board space consumption.


同様の部品番号 - BTN7975B

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970B INFINEON-BTN7970B Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970P INFINEON-BTN7970P Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970S INFINEON-BTN7970S Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
More results

同様の説明 - BTN7975B

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com