データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN7975B データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 BTN7975B
部品情報  High Current PN Half Bridge NovalithIC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN7975B データシート(HTML) 10 Page - Infineon Technologies AG

Back Button BTN7975B Datasheet HTML 6Page - Infineon Technologies AG BTN7975B Datasheet HTML 7Page - Infineon Technologies AG BTN7975B Datasheet HTML 8Page - Infineon Technologies AG BTN7975B Datasheet HTML 9Page - Infineon Technologies AG BTN7975B Datasheet HTML 10Page - Infineon Technologies AG BTN7975B Datasheet HTML 11Page - Infineon Technologies AG BTN7975B Datasheet HTML 12Page - Infineon Technologies AG BTN7975B Datasheet HTML 13Page - Infineon Technologies AG BTN7975B Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Data Sheet
10
Rev. 1.0, 2009-03-31
High Current PN Half Bridge
BTN7975B
Block Description and Characteristics
5.2
Power Stages
The power stages of the BTN7975B consist of a p-channel vertical DMOS transistor for the high side switch and
a n-channel vertical DMOS transistor for the low side switch. All protection and diagnostic functions are located in
a separate top chip. Both switches can be operated up to 25 kHz, allowing active freewheeling and thus minimizing
power dissipation in the forward operation of the integrated diodes.
The on state resistance
R
ON is dependent on the supply voltage VS as well as on the junction temperature Tj. The
typical on state resistance characteristics are shown in Figure 6.
Figure 6
Typical ON State Resistance vs. Supply Voltage
5
10
15
20
25
4
8
12
16
20
24
28
High Side Switch
T
j = 150°C
T
j = 25°C
T
j = -40°C
V
S [V]
5
10
15
20
25
4
8
12
16
20
24
28
Low Side Switch
T
j = 150°C
T
j = 25°C
T
j = -40°C
V
S [V]


同様の部品番号 - BTN7975B

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970B INFINEON-BTN7970B Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970P INFINEON-BTN7970P Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970S INFINEON-BTN7970S Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
More results

同様の説明 - BTN7975B

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com