データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN7975B データシート(PDF) 11 Page - Infineon Technologies AG

部品番号 BTN7975B
部品情報  High Current PN Half Bridge NovalithIC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN7975B データシート(HTML) 11 Page - Infineon Technologies AG

Back Button BTN7975B Datasheet HTML 7Page - Infineon Technologies AG BTN7975B Datasheet HTML 8Page - Infineon Technologies AG BTN7975B Datasheet HTML 9Page - Infineon Technologies AG BTN7975B Datasheet HTML 10Page - Infineon Technologies AG BTN7975B Datasheet HTML 11Page - Infineon Technologies AG BTN7975B Datasheet HTML 12Page - Infineon Technologies AG BTN7975B Datasheet HTML 13Page - Infineon Technologies AG BTN7975B Datasheet HTML 14Page - Infineon Technologies AG BTN7975B Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
11
Rev. 1.0, 2009-03-31
High Current PN Half Bridge
BTN7975B
Block Description and Characteristics
5.2.1
Power Stages - Static Characteristics
V
S = 8 V to 18 V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
High Side Switch - Static Characteristics
5.2.1
ON State High Side Resistance
R
ON(HS)
7
10
12.8
m
Ω
I
OUT = 9 A; VS = 13.5 V
T
j = 25 °C;
1)
T
j = 150 °C
1) Not subject to production test, specified by design
5.2.2
Leakage Current High Side
I
L(LKHS)
–1µA
V
INH = 0 V; VOUT = 0 V
T
j < 85 °C;
1)
––
50
µA
V
INH = 0 V; VOUT = 0 V
T
j = 150 °C
5.2.3
Reverse Diode Forward-Voltage
High Side 2)
2) Due to active freewheeling, diode is conducting only for a few µs, depending on
R
SR
V
DS(HS)
0.9
0.8
0.6
0.8
V
I
OUT =-9A
T
j = -40 °C;
1)
T
j = 25 °C;
1)
T
j = 150 °C
Low Side Switch - Static Characteristics
5.2.4
ON State Low Side Resistance
R
ON(LS)
9
14
17.7
m
Ω
I
OUT =-9A; VS = 13.5 V
T
j = 25 °C;
1)
T
j = 150 °C
5.2.5
Leakage Current Low Side
I
L(LKLS)
–1µA
V
INH = 0 V; VOUT = VS
T
j < 85 °C;
1)
––
10
µA
V
INH = 0 V; VOUT = VS
T
j = 150 °C
5.2.6
Reverse Diode Forward-Voltage
Low Side 2)
V
SD(LS)
0.9
0.8
0.7
0.9
V
I
OUT = 9 A
T
j = -40 °C;
1)
T
j = 25 °C;
1)
T
j = 150 °C


同様の部品番号 - BTN7975B

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970B INFINEON-BTN7970B Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970P INFINEON-BTN7970P Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970S INFINEON-BTN7970S Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
More results

同様の説明 - BTN7975B

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com