データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN7975B データシート(PDF) 15 Page - Infineon Technologies AG

部品番号 BTN7975B
部品情報  High Current PN Half Bridge NovalithIC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN7975B データシート(HTML) 15 Page - Infineon Technologies AG

Back Button BTN7975B Datasheet HTML 11Page - Infineon Technologies AG BTN7975B Datasheet HTML 12Page - Infineon Technologies AG BTN7975B Datasheet HTML 13Page - Infineon Technologies AG BTN7975B Datasheet HTML 14Page - Infineon Technologies AG BTN7975B Datasheet HTML 15Page - Infineon Technologies AG BTN7975B Datasheet HTML 16Page - Infineon Technologies AG BTN7975B Datasheet HTML 17Page - Infineon Technologies AG BTN7975B Datasheet HTML 18Page - Infineon Technologies AG BTN7975B Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
15
Rev. 1.0, 2009-03-31
High Current PN Half Bridge
BTN7975B
Block Description and Characteristics
5.3
Protection Functions
The device provides integrated protection functions. These are designed to prevent IC destruction under fault
conditions described in the data sheet. Fault conditions are considered as “outside” normal operating range.
Protection functions are not to be used for continuous or repetitive operation, with the exception of the current
limitation (Chapter 5.3.4). In a fault condition the BTN7975B will apply the highest slew rate possible independent
of the connected slew rate resistor. Overvoltage, overtemperature and overcurrent are indicated by a fault current
I
ST_error at the ST pin as described in the paragraph “Status Flag Diagnosis” on Page 19 and Figure 12.
In the following the protection functions are listed in order of their priority. Overvoltage lock out overrides all other
error modes.
5.3.1
Overvoltage Lock Out
To assure a high immunity against overvoltages (e.g. load dump conditions) the device shuts the lowside MOSFET
off and turns the highside MOSFET on, if the supply voltage is exceeding the over voltage protection level
V
OV(OFF).
The IC operates in normal mode again with a hysteresis
V
OV(HY) if the supply voltage decreases below the switch-
on voltage
V
OV(ON). In H-bridge configuration, this behavior of the BTN7975B will lead to freewheeling in highside
during over voltage.
5.3.2
Undervoltage Shut Down
To avoid uncontrolled motion of the driven motor at low voltages the device shuts off (output is tri-state), if the
supply voltage drops below the switch-off voltage
V
UV(OFF). The IC becomes active again with a hysteresis VUV(HY)
if the supply voltage rises above the switch-on voltage
V
UV(ON).
5.3.3
Overtemperature Protection
The BTN7975B is protected against overtemperature by an integrated temperature sensor. Overtemperature
leads to a shut down of both output stages. This state is latched until the device is reset by a low signal with a
minimum length of
t
reset at the INH pin, provided that its temperature has decreased at least the thermal hysteresis
ΔT in the meantime.
Repetitive use of the overtemperature protection impacts lifetime.
5.3.4
Current Limitation
The current in the bridge is measured in both switches. As soon as the current in forward direction in one switch
(high side or low side) is reaching the limit
I
CLx, this switch is deactivated and the other switch is activated for tCLS.
During that time all changes at the IN pin are ignored. However, the INH pin can still be used to switch both
MOSFETs off. After
t
CLS the switches return to their initial setting. The error signal at the ST pin is reset after
2*
t
CLS. Unintentional triggering of the current limitation by short current spikes (e.g. inflicted by EMI coming from
the motor) is suppressed by internal filter circuitry. Due to thresholds and reaction delay times of the filter circuitry
the effective current limitation level
I
CLx depends on the slew rate of the load current dI/dt as shown in Figure 10.


同様の部品番号 - BTN7975B

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970B INFINEON-BTN7970B Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970P INFINEON-BTN7970P Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970S INFINEON-BTN7970S Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
More results

同様の説明 - BTN7975B

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com