データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NTJD4401N データシート(PDF) 2 Page - ON Semiconductor

部品番号 NTJD4401N
部品情報  Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD4401N データシート(HTML) 2 Page - ON Semiconductor

  NTJD4401N_08 Datasheet HTML 1Page - ON Semiconductor NTJD4401N_08 Datasheet HTML 2Page - ON Semiconductor NTJD4401N_08 Datasheet HTML 3Page - ON Semiconductor NTJD4401N_08 Datasheet HTML 4Page - ON Semiconductor NTJD4401N_08 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTJD4401N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
20
27
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
22
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 16 V
1.0
mA
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±12 V
10
mA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.6
0.92
1.5
V
Gate Threshold Temperature
Coefficient
VGS(TH)/TJ
-2.1
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 0.63 A
0.29
0.375
W
VGS = 2.5 V, ID = 0.40 A
0.36
0.445
Forward Transconductance
gFS
VDS = 4.0 V, ID = 0.63 A
2.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 20 V
33
46
pF
Output Capacitance
COSS
13
22
Reverse Transfer Capacitance
CRSS
2.8
5.0
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 10 V,
ID = 0.63 A
1.3
3.0
nC
Threshold Gate Charge
QG(TH)
0.1
Gate-to-Source Charge
QGS
0.2
Gate-to-Drain Charge
QGD
0.4
SWITCHING CHARACTERISTICS (Note 3)
Turn-On Delay Time
td(ON)
VGS = 4.5 V, VDD = 10 V,
ID = 0.5 A, RG = 20 W
0.083
ms
Rise Time
tr
0.227
Turn-Off Delay Time
td(OFF)
0.786
Fall Time
tf
0.506
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS =0.23 A
TJ = 25°C
0.76
1.1
V
TJ = 125°C
0.63
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 0.63 A
0.410
ms
2. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


同様の部品番号 - NTJD4401N_08

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
More results

同様の説明 - NTJD4401N_08

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD5121N ONSEMI-NTJD5121N Datasheet
82Kb / 5P
Power MOSFET 60 V, 295 mA, Dual N-Channel with ESD Protection, SC-88
April, 2008 - Rev. 1
logo
First Silicon Co., Ltd
FTK7002D FS-FTK7002D Datasheet
413Kb / 4P
Dual Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SC-88
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
logo
First Silicon Co., Ltd
FTK4001E FS-FTK4001E Datasheet
320Kb / 5P
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
logo
ON Semiconductor
NTA4153N ONSEMI-NTA4153N Datasheet
74Kb / 6P
Small Signal MOSFET 20 V, 915 mA, Single N?묬hannel with ESD Protection, SC??5 and SC??9
March, 2007 ??Rev. 5
logo
Leshan Radio Company
LNTA4001NT1G LRC-LNTA4001NT1G Datasheet
218Kb / 5P
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
logo
ON Semiconductor
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com