データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F276Z5 データシート(PDF) 223 Page - STMicroelectronics

部品番号 ST10F276Z5
部品情報  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 データシート(HTML) 223 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 219Page - STMicroelectronics ST10F276Z5 Datasheet HTML 220Page - STMicroelectronics ST10F276Z5 Datasheet HTML 221Page - STMicroelectronics ST10F276Z5 Datasheet HTML 222Page - STMicroelectronics ST10F276Z5 Datasheet HTML 223Page - STMicroelectronics ST10F276Z5 Datasheet HTML 224Page - STMicroelectronics ST10F276Z5 Datasheet HTML 225Page - STMicroelectronics ST10F276Z5 Datasheet HTML 226Page - STMicroelectronics ST10F276Z5 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 239 page
background image
ST10F276Z5
Electrical characteristics
223/239
Figure 67.
External bus arbitration (regaining the bus)
1.
This is the last chance for BREQ to trigger the indicated regain-sequence. Even if BREQ is activated
earlier, the regain-sequence is initiated by HOLD going high. Please note that HOLD may also be
deactivated without the device requesting the bus.
2.
The next driven bus cycle may start here.
t
62
t
67
t
62
t
65
t
61
t
63
t
62
1)
2)
HLDA
HOLD
CLKOUT
BREQ
CSx
(On P6.x)
Other
signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More