データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F272Z2 データシート(PDF) 174 Page - STMicroelectronics

部品番号 ST10F272Z2
部品情報  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 データシート(HTML) 174 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 170Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 171Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 172Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 173Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 174Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 175Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 176Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 177Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 189 page
background image
Electrical characteristics
ST10F272Z2
174/189
Figure 57.
External memory cycle: Demultiplexed bus, with/without r/w delay, normal ALE
Write cycle
CLKOUT
ALE
A23-A16
A15-A0 (P1)
BHE
WR
WRL
WRH
Data in
Data out
t38
t5
t9
t39
t41
t18
t14
t22
t12
Address
t17
t13
t15
t12
t13
t21
t20
t81
t80
t26
t24
t17
t6
t41u
t6
t80
t81
t28 (or t28h)
CSx
Read cycle
Data bus (P0)
RD
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More