| データシートサーチシステム |
|
MPC8572CPXATLB データシート(PDF) 112 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8572CPXATLB データシート(HTML) 112 Page - Freescale Semiconductor, Inc |
|
112 / 140 page ![]() MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4 112 Freescale Semiconductor Package Description Power and Ground Signals GND Ground A18, A25, A29, C3, C6, C9, C12, C15, C20, C22, E5, E8, E11, E14, F3, G7, G10, G13, G16, H5, H21, J3, J9, J12, J18, K7, L5, L13, L15, L16, L21, M3, M9, M12, M14, M16, M18, N7, N13, N15, N17, N19, N21, N23, P5, P12, P14, P16, P20, P22, R3, R9, R11, R13, R15, R17, R19, R21, R23, R26, T7, T12, T14, T16, T18, T20, T22, T30, U5, U11, U13, U15, U16, U17, U19, U21, U23, U25, V3, V9, V12, V14, V16, V18, V20, V22, W7, W11, W13, W15, W17, W19, W21, W27, W32, Y5, Y12, Y14, Y16, Y18, Y20, AA3, AA9, AA13, AA15, AA17, AA19, AA21, AA30, AB7, AB26, AC5, AC11, AC13, AD3, AD9, AD14, AD17, AD22, AE7, AE13, AF5, AF11, AG3, AG9, AG15, AG19, AH7, AH13, AH22, AJ5, AJ11, AJ17, AK3, AK9, AK15, AK24, AL7, AL13, AL19, AL26 —— — XGND_SRDS1 SerDes Transceiver Pad GND (xpadvss) C23, C27, D23, D25, E23, E26, F23, F24, G23, G27, H23, H25, J23, J26, K23, K24, L27, M25 —— — XGND_SRDS2 SerDes Transceiver Pad GND (xpadvss) AD23, AD25, AE23, AE27, AF23, AF24, AG23, AG26, AH23, AH25, AJ27 —— — Table 75. MPC8572E Pinout Listing (continued) Signal Signal Name Package Pin Number Pin Type Power Supply Notes |