データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1755745 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1755745
部品情報  PT 1,5/ 3-PH-5,0 CLIP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1755745 データシート(HTML) 2 Page - PHOENIX CONTACT

  1755745 Datasheet HTML 1Page - PHOENIX CONTACT 1755745 Datasheet HTML 2Page - PHOENIX CONTACT 1755745 Datasheet HTML 3Page - PHOENIX CONTACT 1755745 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT 1,5/ 3-PH-5,0 CLIP Order No.: 1755745
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1755745
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Dec 9, 2010
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
10 A
Nominal voltage UN
250 V
Nominal cross section
1.5 mm²
Maximum load current
10 A
Insulating material
PA
Inflammability class acc. to UL 94
V0
Stripping length
6 mm
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
5 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
5 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
1 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
1 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
14
Minimum AWG according to UL/CUL
28
Maximum AWG according to UL/CUL
14


同様の部品番号 - 1755745

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1755749 PHOENIX-1755749 Datasheet
97Kb / 3P
Header with side panels, plug-in direction vertical to the p.c.b.
1755749 PHOENIX-1755749 Datasheet
169Kb / 7P
ICV 2,5/ 3-G-5,08
1755749 PHOENIX-1755749 Datasheet
154Kb / 6P
IC 2,5/ 3-G-5,08
1755749 PHOENIX-1755749 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
More results

同様の説明 - 1755745

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1755758 PHOENIX-1755758 Datasheet
97Kb / 4P
PT 1,5/ 4-PH-5,0 CLIP
1755774 PHOENIX-1755774 Datasheet
97Kb / 4P
PT 1,5/ 6-PH-5,0 CLIP
1755842 PHOENIX-1755842 Datasheet
97Kb / 4P
PT 1,5/13-PH-5,0 CLIP
1755868 PHOENIX-1755868 Datasheet
97Kb / 4P
PT 1,5/15-PH-5,0 CLIP
1755839 PHOENIX-1755839 Datasheet
97Kb / 4P
PT 1,5/12-PH-5,0 CLIP
1755855 PHOENIX-1755855 Datasheet
97Kb / 4P
PT 1,5/14-PH-5,0 CLIP
1755826 PHOENIX-1755826 Datasheet
97Kb / 4P
PT 1,5/11-PH-5,0 CLIP
1755787 PHOENIX-1755787 Datasheet
97Kb / 4P
PT 1,5/ 7-PH-5,0 CLIP
1755790 PHOENIX-1755790 Datasheet
97Kb / 4P
PT 1,5/ 8-PH-5,0 CLIP
1755813 PHOENIX-1755813 Datasheet
97Kb / 4P
PT 1,5/10-PH-5,0 CLIP
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com