データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IC-SM5L データシート(PDF) 2 Page - IC-Haus GmbH

部品番号 IC-SM5L
部品情報  LINEAR AMR SENSOR (5 mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICHAUS [IC-Haus GmbH]
ホームページ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SM5L データシート(HTML) 2 Page - IC-Haus GmbH

  IC-SM5L Datasheet HTML 1Page - IC-Haus GmbH IC-SM5L Datasheet HTML 2Page - IC-Haus GmbH IC-SM5L Datasheet HTML 3Page - IC-Haus GmbH IC-SM5L Datasheet HTML 4Page - IC-Haus GmbH IC-SM5L Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
iC-SM5L
LINEAR AMR SENSOR (5 mm)
Rev A3, Page 2/5
DESCRIPTION
iC-SM5L is a linear position sensor which operates on the AMR effect (anisotropic magneto resistance) and
has been designed to work with magnetic scales which have a N/S pole pitch of 5 mm.
When the sensor is moved along a magnetic scale with a N/S pole pitch of 5 mm the two Wheatstone bridges
generate differential sinusoidal output voltages (PSIN - NSIN) and (PCOS - NCOS) phase-shifted at 90°. One
sine/cosine cycle averaged using a pair of N/S poles is thus produced for a pole width. The absolute magnetic
field strength must be large enough for the sensor to go into saturation and for the magnetization of iC-SM5L's
resistor stripes to assume the direction of the outer magnetic fields.
The amplitudes of the differential output voltages are largely independent of the magnetic field strength and
thus not sensitive to changes in distance.
iC-SM5L is resistant to strong magnetic fields and not sensitive to external homogenous magnetic fields.
CHIP LAYOUT
PAD FUNCTIONS
Nr.
Name
Function
1
VCOS
Supply Voltage Cosine Bridge
2
NCOS
Output Cosine -
3
NSIN
Output Sine -
4
GND
Ground
5
VSIN
Supply Voltage Sine Bridge
6
PSIN
Output Sine +
7
PCOS
Output Cosine +


同様の部品番号 - IC-SM5L

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
330Kb / 7P
LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
More results

同様の説明 - IC-SM5L

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
LINEAR AMR SENSOR (2 mm)
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
TE Connectivity Ltd
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
AMR Sensor with 180째 period
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
AMR Sensor with 360째 capability
MS32 TEC-MS32 Datasheet
287Kb / 6P
AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
AMR3013P AMR Angle Sensor
Ver. 1.2
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com