データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IC-SM5L データシート(PDF) 4 Page - IC-Haus GmbH

部品番号 IC-SM5L
部品情報  LINEAR AMR SENSOR (5 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICHAUS [IC-Haus GmbH]
ホームページ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SM5L データシート(HTML) 4 Page - IC-Haus GmbH

  IC-SM5L Datasheet HTML 1Page - IC-Haus GmbH IC-SM5L Datasheet HTML 2Page - IC-Haus GmbH IC-SM5L Datasheet HTML 3Page - IC-Haus GmbH IC-SM5L Datasheet HTML 4Page - IC-Haus GmbH IC-SM5L Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
iC-SM5L
LINEAR AMR SENSOR (5 mm)
Rev A3, Page 4/5
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein,
design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data.
Copying - even as an excerpt - is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions in
the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
Figure 1: Placement of the iC-SM5L to a magnetic scale
ELECTRICAL CHARACTERISTICS
Operating Conditions:
VSIN = 5 V ± 10 %, VCOS = 5V ± 10 %, Tj = -40 ... 85 °C, |Hext| > 25 kA/m at the bottom edge of the sensor, unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
°C
Min.
Typ.
Max.
Total Device
001 VB
Permissible Supply Voltages
VSIN, VCOS
VB = VSIN = VCOS
-10
10
V
002 I(VB)
Supply Current in VSIN, VCOS
PSIN, NSIN, PCOS, NCOS open
VSIN connected to VCOS
510
mA
003 R()
Sensor resistance
(sine and cosine bridge)
VSIN connected to VCOS
25
1
1.5
2
kΩ
004 TC(R)
Bridge Resistance
Temperature Drift
0.29
0.33
0.37
%/K
005 Vpk
Amplitude of Differential
Output Voltages
18
20
mV/V
006 TC(Va)
Amplitude
Temperature Drift
-0.37
-0,33
-0.29
%/K
007 Vos
Offset Voltage
Hext = 0 kA/m
at the bottom edge of the sensor
1-3
3
mV/V
008 TC(Vos) Offset Voltage
Temperature Drift
-3
3
µV/VK
009 Vrel
Relative Change in Amplitude
distance bottom edge of the
sensor to the magnetic scale:
0 ... 2.5 mm
-5
5
%
010 AAabs
Absolute Angle Accuracy
without offset voltage,
distance bottom edge of the
sensor to the magnetic scale:
1 mm
1-1
1
DEG
APPLICATIONS INFORMATION
iC-SM5L is placed vertically above a magnetic scale with an equal distribution of pairs of N/S poles.
ORDERING INFORMATION


同様の部品番号 - IC-SM5L

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
More results

同様の説明 - IC-SM5L

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com