データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2873 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SC2873
部品情報  Power Amplifier Applications Power Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2873 データシート(HTML) 1 Page - Toshiba Semiconductor

  2SC2873_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2873_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2873_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2873_04 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2873_04 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC2873
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC2873
Power Amplifier Applications
Power Switching Applications
• Low saturation voltage: VCE (sat) = 0.5 V (max) (IC = 1 A)
• High-speed switching time: tstg = 1.0 µs (typ.)
• Small flat package
• PC = 1.0 to 2.0 W (mounted on a ceramic substrate)
• Complementary to 2SA1213
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
2
A
Base current
IB
0.4
A
PC
500
Collector power dissipation
PC
(Note 1)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on a ceramic substrate (250 mm
2 × 0.8 t)
Unit: mm
JEDEC
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


同様の部品番号 - 2SC2873_04

メーカー部品番号データシート部品情報
logo
Comchip Technology
2SC2873-G COMCHIP-2SC2873-G Datasheet
175Kb / 4P
   General Purpose Transistor
logo
Guangdong Kexin Industr...
2SC2873-HF KEXIN-2SC2873-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
Micro Commercial Compon...
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
   NPN Silicon Epitaxial Transistors
logo
Guangdong Kexin Industr...
2SC2873-O KEXIN-2SC2873-O Datasheet
1Mb / 2P
   NPN Transistors
logo
Micro Commercial Compon...
2SC2873-O MCC-2SC2873-O Datasheet
315Kb / 4P
   NPN Silicon Epitaxial Transistors
More results

同様の説明 - 2SC2873_04

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
   Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com