データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4540 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SC4540
部品情報  Power Amplifier Applications Power Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4540 データシート(HTML) 2 Page - Toshiba Semiconductor

  2SC4540_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4540_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4540_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4540_04 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4540
2004-07-07
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 80 V, IE = 0
0.1
µA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
0.1
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
50
V
hFE (1)
VCE = 2 V, IC = 100 mA
120
400
DC current gain
hFE (2)
VCE = 2 V, IC = 700 mA
40
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 25 mA
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 500 mA, IB = 25 mA
1.2
V
Transition frequency
fT
VCE = 2 V, IC = 100 mA
100
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
10
pF
Turn-on time
ton
0.1
Storage time
tstg
0.4
Switching time
Fall time
tf
0.1
µs
Marking
OUTPUT
IB1
25 V
INPUT
IB1
20 µs
IB1 = −IB2 = 35 mA,
DUTY CYCLE ≤ 1%
IB2
IB2
K
C
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


同様の部品番号 - 2SC4540_04

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SC4540 TOSHIBA-2SC4540 Datasheet
155Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4540 KEXIN-2SC4540 Datasheet
319Kb / 3P
Power Switching Applications
More results

同様の説明 - 2SC4540_04

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power switching applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com