データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L151C4T3 データシート(PDF) 121 Page - STMicroelectronics

部品番号 STM8L151C4T3
部品情報  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4T3 データシート(HTML) 121 Page - STMicroelectronics

Back Button STM8L151C4T3 Datasheet HTML 114Page - STMicroelectronics STM8L151C4T3 Datasheet HTML 115Page - STMicroelectronics STM8L151C4T3 Datasheet HTML 116Page - STMicroelectronics STM8L151C4T3 Datasheet HTML 117Page - STMicroelectronics STM8L151C4T3 Datasheet HTML 118Page - STMicroelectronics STM8L151C4T3 Datasheet HTML 119Page - STMicroelectronics STM8L151C4T3 Datasheet HTML 120Page - STMicroelectronics STM8L151C4T3 Datasheet HTML 121Page - STMicroelectronics STM8L151C4T3 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 122 page
background image
STM8L151xx, STM8L152xx
Revision history
Doc ID 15962 Rev 5
121/122
23-Jul-2010
5
Modified Introduction and Description
Modified Table 4: Legend/abbreviation for table 5 on page 27 and
Table 5: STM8L15x pin description on page 27 (for PA0, PA1, PB0 and
PB4 and for reset states in the floating input column)
Modified Figure 1: STM8L15xxx device block diagram on page 13 and
Figure 2: STM8L15x clock tree diagram on page 18
Modified Figure 3.1: Low power modes on page 14 and Figure 3.5: Low
power real-time clock on page 18
Modified CLK_PCKENR2 and CLK_HSICALR reset values in Table 8:
General hardware register map on page 37
Modified notes below Figure 9: Memory map on page 35
Modified PA_CR1 reset value in Table7 on page36
Modified reset values for Px_IDR registers in Table 7 on page 36
Modified Table 14: Voltage characteristics on page 61, Table 15:
Current characteristics on page 62
Modified VIH in Table 36: I/O static characteristics on page 85
Modified Table 20: Total current consumption in Wait mode on page 69
Modified Figure 37: Typical application with I2C bus and timing diagram
1) on page 96
Modified IL value in Figure 39: Typical connection diagram using the
ADC on page 105
Modified RH and RL in Table 43: LCD characteristics on page 97
Added graphs in Section 9: Electrical parameters on page 60
Modified note 3 below Table 44: Reference voltage characteristics on
page 98
Added notes to
Modified note 1 below Table 45: TS characteristics on page 99
Changed VESD(CDM) value in Table 57 on page 108
Modified notes or added notes below UFQFPN32 and UFQFPN48
packages
Table 66.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More