データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6460 データシート(PDF) 108 Page - STMicroelectronics

部品番号 L6460
部品情報  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 データシート(HTML) 108 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 104Page - STMicroelectronics L6460 Datasheet HTML 105Page - STMicroelectronics L6460 Datasheet HTML 106Page - STMicroelectronics L6460 Datasheet HTML 107Page - STMicroelectronics L6460 Datasheet HTML 108Page - STMicroelectronics L6460 Datasheet HTML 109Page - STMicroelectronics L6460 Datasheet HTML 110Page - STMicroelectronics L6460 Datasheet HTML 111Page - STMicroelectronics L6460 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 139 page
background image
GPIO pins
L6460
108/139
Doc ID 17713 Rev 1
Figure 34.
GPIO[4] block diagram
GPIO[4]
Logic Decode
Gpio[4] Driver
From Serial
Interface
To Control Logic
V3v3
To ADC
To Serial Interface
V3v3
Start-up pin State
Detect circuit
V3v3
EnStartUpDtc
From PowerUp
FSM
V3v3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More