データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA106E データシート(PDF) 1 Page - Tyco Electronics

部品番号 SA106E
部品情報  HARTMAN Aerospace Power Products
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

SA106E データシート(HTML) 1 Page - Tyco Electronics

  SA106E Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Relays
CONTACTOR CONFIGURATION
SA106E 3PDT, 30 Amps,
115 VAC, 400/60 Hz
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed
Main Contacts:
Configuration
3PDT Side Stable
Voltage Nominal
115/200 VAC, 400 Hz
115 VAC, 60 Hz
Current Resistive
30 Amps
Inductive
30 Amps
Motor
30 Amps
Auxiliary Contacts:
Configuration
SPDT
Voltage Nominal
28 VDC or 115 VAC, 400/60 Hz
Current Resistive
5 Amps
Coil Data:
Duty Cycle
Continuous
Nominal Coil Voltage
115 VAC, 400/60 Hz
Pick-Up Voltage Maximum
90 VAC, 400/60 Hz
Coil Current Maximum
0.090 Amps at 25
°C, 115 VAC
Environmental Data:
Operating Temperature
-55
°C to +71°C
Altitude Maximum
50,000 Feet
Life:
Electrical
50,000 Cycles
Mechanical
100,000 Cycles
Weight Maximum
1 Lb. 2 Oz.
Features:
• 3PDT Main Contacts
• AC Coil
• 115 VAC, 400/60 Hz
• 30 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


同様の部品番号 - SA106E

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SA10 PANJIT-SA10 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Semiconducto...
SA10 CHENDA-SA10 Datasheet
840Kb / 4P
GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA10 FCI-SA10 Datasheet
178Kb / 4P
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA10 TSC-SA10 Datasheet
667Kb / 5P
500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA10 WTE-SA10 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
More results

同様の説明 - SA106E

メーカー部品番号データシート部品情報
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
HARTMAN Aerospace Power Products
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
HARTMAN Aerospace Power Products
SDH128 MACOM-SDH128 Datasheet
31Kb / 1P
HARTMAN Aerospace Power Products
Q-50AC MACOM-Q-50AC Datasheet
82Kb / 1P
HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
HARTMAN Aerospace Power Products
SA120B MACOM-SA120B Datasheet
41Kb / 1P
HARTMAN Aerospace Power Products
QR-50AF MACOM-QR-50AF Datasheet
58Kb / 1P
HARTMAN Aerospace Power Products
QR-50DA MACOM-QR-50DA Datasheet
52Kb / 1P
HARTMAN Aerospace Power Products .25 Amp, 115 VAC
A-1077B MACOM-A-1077B Datasheet
82Kb / 1P
HARTMAN Aerospace Power Products SPDT, 230 Amps, 28 VDC
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com