| データシートサーチシステム |
|
ADAU1373BCBZ-R7 データシート(PDF) 268 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAU1373BCBZ-R7 データシート(HTML) 268 Page - Analog Devices |
|
268 / 296 page ![]() ADAU1373 Rev. 0 | Page 268 of 296 LPCNTCTRL (LOW POWER CONTROL COUNTER) REGISTER Address: 0xEC, Reset: 0x00, Name: LPCNTCTRL Low Power Control Counter Table 240. Bit Descriptions for LPCNTCTRL Bits Bit Name Settings Description Reset Access [7:4] LPC_B_CNT Low Power Control B Counter. 0x0 RW 0000 256 samples 0001 512 samples 0010 1024 samples 0011 2048 samples 0100 4096 samples 0101 8192 samples 0110 16384 samples 0111 32768 samples [3:0] LPC_A_CNT Low Power Control A Counter. 0x0 RW 0000 256 samples 0001 512 samples 0010 1024 samples 0011 2048 samples 0100 4096 samples 0101 8192 samples 0110 16384 samples 0111 32768 samples CHIP_ID_HI REGISTER Address: 0xED, Reset: 0x13, Name: CHIP_ID_HI Chip Identification Register High Byte Table 241. Bit Descriptions for CHIP_ID_HI Bits Bit Name Settings Description Reset Access [7:0] CHIP_ID_HI Chip ID for ADAU1373_REVB. Chip identification register high byte. 0x13 R 00010011 13 (first two digits of the part number) |