データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADAU1373BCBZ-R7 データシート(PDF) 284 Page - Analog Devices

部品番号 ADAU1373BCBZ-R7
部品情報  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 データシート(HTML) 284 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 280Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 281Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 282Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 283Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 284Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 285Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 286Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 287Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 288Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 296 page
background image
ADAU1373
Rev. 0 | Page 284 of 296
EQ4_COEF4_LO REGISTER
Address: 0xA7, Reset: 0x00, Name: EQ4_COEF4_LO
Equalizer 4 Coefficient 4 Lower Byte
Table 285. Bit Descriptions for EQ4_COEF4_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ4_COEF4_LO
EQ4 Coefficient. Equalizer 4 Coefficient 4 Lower Byte.
0x00
RW
EQ5_COEF0_HI REGISTER
Address: 0xA8, Reset: 0x00, Name: EQ5_COEF0_HI
Equalizer 5 Coefficient 0 Upper Byte
Table 286. Bit Descriptions for EQ5_COEF0_HI
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ5_COEF0_HI
EQ5 Coefficient. Equalizer 5 Coefficient 0 Upper Byte.
0x00
RW
EQ5_COEF0_LO REGISTER
Address: 0xA9, Reset: 0x00, Name: EQ5_COEF0_LO
Equalizer 5 Coefficient 0 Lower Byte
Table 287. Bit Descriptions for EQ5_COEF0_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ5_COEF0_LO
EQ5 Coefficient. Equalizer 5 Coefficient 0 Lower Byte.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More