データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADAU1373BCBZ-R7 データシート(PDF) 112 Page - Analog Devices

部品番号 ADAU1373BCBZ-R7
部品情報  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 データシート(HTML) 112 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 108Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 109Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 110Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 111Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 112Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 113Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 114Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 115Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 296 page
background image
ADAU1373
Rev. 0 | Page 112 of 296
RADC_MIXER REGISTER
Address: 0x13, Reset: 0x00, Name: RADC_MIXER
Right ADC Mixer Control
Table 54. Bit Descriptions for RADC_MIXER
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
RW
4
ADCRMIX4
Right Channel ADC Mixer Control.
0x0
RW
0
DAC1 Right Signal Disable
1
DAC1 Right Signal Enable
3
ADCRMIX3
Right Channel ADC Mixer Control.
0x0
RW
0
AIN4 Signal Disable
1
AIN4 Signal Enable
2
ADCRMIX2
Right Channel ADC Mixer Control.
0x0
RW
0
AIN3 Signal Disable
1
AIN3 Signal Enable
1
ADCRMIX1
Right Channel ADC Mixer Control.
0x0
RW
0
AIN2 Signal Disable
1
AIN2 Signal Enable
0
ADCRMIX0
Right Channel ADC Mixer Control.
0x0
RW
0
AIN1 Signal Disable
1
AIN1 Signal Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More