| データシートサーチシステム |
|
ADAU1373BCBZ-R7 データシート(PDF) 236 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAU1373BCBZ-R7 データシート(HTML) 236 Page - Analog Devices |
|
236 / 296 page ![]() ADAU1373 Rev. 0 | Page 236 of 296 PRE_HPF3_COEFH (MSB) REGISTER Address: 0xB7, Reset: 0xFF, Name: PRE_HPF3_COEFH High-Pass Filter 3 Coefficient MSB Table 206. Bit Descriptions for PRE_HPF3_COEFH Bits Bit Name Settings Description Reset Access [7:0] PRE_HPF3_COEFH Pre-HPF3 Coefficient[10:3]. 0xFF RW PRE_HPF3_COEFL (LSB) REGISTER Address: 0xB8, Reset: 0xFF, Name: PRE_HPF3_COEFL High-Pass Filter 3 Coefficient LSB Table 207. Bit Descriptions for PRE_HPF3_COEFL Bits Bit Name Settings Description Reset Access [7:3] RESERVED Reserved. 0x1F RW [2:0] PRE_HPF3_COEFL Pre-HPF3 Coefficient[2:0]. 0x7 RW PRE_HPF4_COEFH (MSB) REGISTER Address: 0xB9, Reset: 0xFF, Name: PRE_HPF4_COEFH High-Pass Filter 4 Coefficient MSB Table 208. Bit Descriptions for PRE_HPF4_COEFH Bits Bit Name Settings Description Reset Access [7:0] PRE_HPF4_COEFH Pre-HPF4 Coefficient[10:3]. 0xFF RW |