データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADAU1373BCBZ-R7 データシート(PDF) 242 Page - Analog Devices

部品番号 ADAU1373BCBZ-R7
部品情報  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 データシート(HTML) 242 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 238Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 239Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 240Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 241Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 242Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 243Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 244Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 245Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 246Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 296 page
background image
ADAU1373
Rev. 0 | Page 242 of 296
E3D_CTRL2 REGISTER
Address: 0xC1, Reset: 0x00, Name: E3D_CTRL2
3D Enhancement Control Register
Table 216. Bit Descriptions for E3D_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
RW
[3:1]
E3D_GAIN
3D Enhancement Gain Setting.
0x0
RW
000
E3D Gain: 1
001
0.125
010
0.25
011
0.375
100
0.5
101
0.625
110
0.75
111
0.875
0
E3D_EN
3D Enhancement Enable. 3D enhancement enable/disable control.
0x0
RW
0
Enhancement disable
1
Enhancement enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More