| データシートサーチシステム |
|
ADAU1373BCBZ-R7 データシート(PDF) 263 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAU1373BCBZ-R7 データシート(HTML) 263 Page - Analog Devices |
|
263 / 296 page ![]() ADAU1373 Rev. 0 | Page 263 of 296 IRQ_RAW REGISTER Address: 0xE6, Reset: 0x02, Name: IRQ_RAW Interrupt Status Register Table 234. Bit Descriptions for IRQ_RAW Bits Bit Name Settings Description Reset Access 7 ASRCC_IRQ_RAW_STATE Raw State of ASRCC_IRQ. Raw status of ASRCC. 0x0 R 0 Normal 1 Fault 6 ASRCB_IRQ_RAW_STATE Raw State of ASRCB_IRQ. Raw status of ASRCB. 0x0 R 0 Normal 1 Fault 5 ASRCA_IRQ_RAW_STATE Raw State of ASRCA_IRQ. Raw status of ASRCA. 0x0 R 0 Normal 1 Fault 4 DRC_IRQ_RAW_STATE Raw State of DRC_IRQ. Raw status of DRC IRQ. 0x0 R 0 Normal 1 ADC clip 3 PLL_UNLOCK_RAW_STATE Raw State of PLL_UNLOCK. Raw status of PLL unlock. 0x0 R 0 Normal 1 Unlock 2 HP_CFG_RAW_STATE Raw State of Headphone Setting Change. Raw status of headphone setting fault. 0x0 R 0 Normal 1 Changed 1 HP_DECT_RAW_STATE Raw State of Headphone Detect. Raw status of headphone fault. 0x1 R 0 Normal 1 Changed 0 AFAULT_RAW_STATE Raw State of Analog Fault. Raw status of analog fault. 0x0 R 0 Normal 1 Fault |