データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2C3866A データシート(PDF) 1 Page - Semicoa Semiconductor

部品番号 2C3866A
部品情報  Chip Type 2C3866A Geometry 1007 Polarity NPN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMICOA [Semicoa Semiconductor]
ホームページ  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2C3866A データシート(HTML) 1 Page - Semicoa Semiconductor

  2C3866A Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C3866A
Geometry 1007
Polarity NPN
Data Sheet No. 2C3866A
Generic Packaged Parts:
2N3866, 2N3866A
Chip type 2C3866A by Semicoa
Semiconductors
provides
perfor-
mance similar to these devices.
Product Summary:
Part Numbers:
2N3866A, 2N3866, 2N3866AUB, SD3866A,
SD3866AF, SQ3866A, SQ3866AF
APPLICATIONS: Designed for amplifier,
frequency multiplier and oscillator applica-
tions. Suitable for output, driver and predriver
stages in VHF and UHF equipment.
Features:
Special Characteristics:
ft = 950 MHz (type) at 50 mA/15V
Top
Al - 15 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
3.4 mils x 3.0 mils
Base
3.4 mils x 3.0 mils
Die Thickness
Chip Area
Top Surface
15 mils x 20 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 5.0 mA
30
---
V dc
BVCBO
IC = 100 µA
55
---
V dc
BVCER
IC = 5.0 mA, RBE = 10 Ohms
55
---
V dc
BVEBO
IE = 100 µA
3.5
---
V dc
ICEO
VCE = 28 V, VEB = 2.0 V
---
20
µA
hFE1
IC = 360 mA dc, VCE = 5.0 V
5.0
---
---
hFE2
IC = 50 mA dc, VCE = 5.0 V
10
200
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


同様の部品番号 - 2C3866A

メーカー部品番号データシート部品情報
logo
Altech corporation
2C3.5UM ALTECH-2C3.5UM Datasheet
551Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
logo
Semicoa Semiconductor
2C3019 SEMICOA-2C3019 Datasheet
31Kb / 1P
Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
List of Unclassifed Man...
2C30C0G104J050B ETC-2C30C0G104J050B Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
2C30C0G104J050R ETC-2C30C0G104J050R Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
2C30C0G104K050B ETC-2C30C0G104K050B Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
More results

同様の説明 - 2C3866A

メーカー部品番号データシート部品情報
logo
Semicoa Semiconductor
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
2C2222A SEMICOA-2C2222A Datasheet
29Kb / 1P
Chip Type 2C2222A Geometry 0400 Polarity NPN
2C2857 SEMICOA-2C2857 Datasheet
30Kb / 1P
Chip Type 2C2857 Geometry 0011 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
Chip Type 2C3506 Geometry 1506 Polarity NPN
2C3960 SEMICOA-2C3960 Datasheet
29Kb / 1P
Chip Type 2C3960 Geometry 0003 Polarity NPN
2C5109 SEMICOA-2C5109 Datasheet
31Kb / 1P
Chip Type 2C5109 Geometry 1007 Polarity NPN
2C5664 SEMICOA-2C5664 Datasheet
31Kb / 1P
Chip Type 2C5664 Geometry 9221 Polarity NPN
2C918 SEMICOA-2C918 Datasheet
30Kb / 1P
Chip Type 2C918 Geometry 0013 Polarity NPN
2N3866A SEMICOA-2N3866A Datasheet
43Kb / 2P
Type 2N3866A Geometry 1007 Polarity NPN
2N5109 SEMICOA-2N5109 Datasheet
47Kb / 2P
Type 2N5109 Geometry 1007 Polarity NPN
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com