データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4033 データシート(PDF) 2 Page - Semicoa Semiconductor

部品番号 2N4033
部品情報  Type 2N4033 Geometry 6700 Polarity PNP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMICOA [Semicoa Semiconductor]
ホームページ  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4033 データシート(HTML) 2 Page - Semicoa Semiconductor

  2N4033 Datasheet HTML 1Page - Semicoa Semiconductor 2N4033 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N4033
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA, pulsed
Collector-Emitter Breakdown Voltage
IC = 10 mA, pulsed
Emitter-Base Breakdown Voltage
IC = 10 µA, pulsed
Collector-Base Cutoff Current
VCB = 60 V
ICBO1
---
10
nA
VCB = 60 V, TA = +150
oC
ICBO2
---
25
µA
Collector-Emitter Cutoff Current
VCE = 60 V, VBE = 2.0 V
Base-Emitter Cutoff Current
VBE = 3 V
IEBO
---
25
nA
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
V(BR)CBO
80
---
ICEX1
---
25
V(BR)CEO
80
---
V(BR)EBO
5.0
---
ON Characteristics
Symbol
Min
Max
Unit
Forward current Transfer Ratio
IC = 100 µA, VCE = 5 V
hFE1
50
---
---
IC = 100 mA, VCE = 5.0 V (pulse test)
hFE2
100
300
---
IC = 500 mA, VCE = 5 V (pulse test)
hFE3
70
---
---
IC = 1.0 A, VCE = 5 V (pulse test)
hFE4
25
---
---
IC = 500 mA, VCE = 5.0 V (pulse test), TA = -55
oC
hFE5
30
---
---
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)1
---
0.15
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)2
---
0.5
V dc
IC = 1.0 A, IB = 100 mA (pulse test)
VCE(sat)3
---
1.0
V dc
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VBE(sat)1
---
0.9
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VBE(sat)2
---
1.2
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter Small Signal
Short Circuit Forward Current Transfer Ratio
VCE = 10 V, IC = 50 mA, f = 100 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
CIBO
---
80
pF
pF
COBO
---
20
---
|hfe|
1.5
6.0
Switching Characteristics
Symbol
Min
Max
Unit
Delay Time
IC = 500 mA, IB1 = 50 mA
Rise Time
IC = 500 mA, IB1 = 50 mA
Storage Time
IC = 500 mA, IB1 = IB2 = 50 mA
Fall Time
IC = 500 mA, IB1 = IB2 = 50 mA
tf
---
35
ns
ts
---
175
ns
tr
---
25
ns
ns
td
---
15


同様の部品番号 - 2N4033

メーカー部品番号データシート部品情報
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
GENERAL PURPOSE AMPLIFIER AND SWITCH
November 1997
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
logo
Siemens Semiconductor G...
2N4033 SIEMENS-2N4033 Datasheet
139Kb / 5P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4033 BOCA-2N4033 Datasheet
52Kb / 2P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N4033 MICROSEMI-2N4033 Datasheet
489Kb / 2P
PNP BIPOLAR TRANSISTOR
More results

同様の説明 - 2N4033

メーカー部品番号データシート部品情報
logo
Semicoa Semiconductor
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
Type 2N2907A Geometry 0600 Polarity PNP
2N3468L SEMICOA-2N3468L Datasheet
107Kb / 2P
Type 2N3468L Geometry 6706 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
Type 2N3485A Geometry 0600 Polarity PNP
2N3762 SEMICOA-2N3762 Datasheet
86Kb / 2P
Type 2N3762 Geometry 6706 Polarity PNP
2N3811 SEMICOA-2N3811 Datasheet
79Kb / 3P
Type 2N3811 Geometry 0220 Polarity PNP
2N4029 SEMICOA-2N4029 Datasheet
98Kb / 2P
Type 2N4029 Geometry 6700 Polarity PNP
2N5151 SEMICOA-2N5151 Datasheet
55Kb / 2P
Type 2N5151 Geometry 9702 Polarity PNP
2N5151L SEMICOA-2N5151L Datasheet
59Kb / 2P
Type 2N5151L Geometry 9702 Polarity PNP
2N5153L SEMICOA-2N5153L Datasheet
59Kb / 2P
Type 2N5153L Geometry 9702 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
Type 2N6987 Geometry 0600 Polarity PNP
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com