データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ELUMEESAQ7C12 データシート(PDF) 4 Page - C&K Components

部品番号 ELUMEESAQ7C12
部品情報  Right Angle Illuminated Latching Pushbutton
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ELUMEESAQ7C12 データシート(HTML) 4 Page - C&K Components

  ELUMEESAQ7C12 Datasheet HTML 1Page - C&K Components ELUMEESAQ7C12 Datasheet HTML 2Page - C&K Components ELUMEESAQ7C12 Datasheet HTML 3Page - C&K Components ELUMEESAQ7C12 Datasheet HTML 4Page - C&K Components ELUMEESAQ7C12 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A-7
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
ACTUATOR STYLE*
Third Angle
Projection
C02
BLACK WITHOUT WINDOW
C12
BLACK WITH WINDOW
.157
(3,99)
.197
(5,00)
.300
(7,62)
REF. SURFACE
.095 DIA.
.157
(3,99)
.197
(5,00)
.300
(7,62)
(2,41ø)
REF. SURFACE
C22
BLACK WITH WINDOW AND SNAP FEATURE TO ACCEPT CUSTOM CAP
FORCE TRAVEL DIAGRAM
ELUM
TM Series
Right Angle Illuminated Latching Pushbutton
TAPE & REEL
ACTUATOR POSITION
NO ACTUATION
FULL
ACTUATION
FORCE
FORCE
TRAVEL
LATCH
SWITCH
1
0
0
1
N.O.
N.C.
250g
75g
+
FULL ACTUATION
ACTUATOR
SWITCH POINT
POSITION
FULL ACTUATION
.131
.020
3,3
0.5mm
.067
.020
1,7
0.5mm
LATCH
+
+
5,1
0.5mm
+
.200
.020
+
+
+
A
B
C
A
B
C
OA, EE
ACTUATOR
SWITCH POINT
POSITION
.098
.020
2,5
0.5mm
.067
.020
1,7
0.5mm
FULL ACTUATION
+
+
+
+
A
C
OC
* Custom actuators available, please contact Customer Service.
0.030
(0,76)
.160
(4,06)
.190
(4,83)
.200
(5,08)
.080
(2,03)
.090
(2,29)
.131 DIA.
(3,33ø)
SNAP ON REF.
SURFACE
see cap detail
SNAP DETAIL
.045
(1,14)
REF. SURFACE
.080
(2,03)
.125
(3,18)
0.035
(0,89)
0.378
(9,60)
.025
(0,63)
.275
(6,99)
1.031
(26,19)
2.062
(52,37)
2.205
(56,01)
.157
(4,0)
.786
(19,96)
.079
(2,0)
.157
(4,0)
.059 DIA.
(1,50Ø)
ELONGATED HOLES
FEED DIRECTION


同様の部品番号 - ELUMEESAQ7C12

メーカー部品番号データシート部品情報
logo
ITT Industries
ELUMEESAQ7C12 ITT-ELUMEESAQ7C12 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
ELUMEESAQ7C12 ITT-ELUMEESAQ7C12 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
More results

同様の説明 - ELUMEESAQ7C12

メーカー部品番号データシート部品情報
logo
ITT Industries
ELUMOATHQC02 ITT-ELUMOATHQC02 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
C&K Components
PS-12G CK-COMPONENTS-PS-12G Datasheet
559Kb / 16P
   Latching pushbutton
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com