データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMER48-KZ-C1 データシート(PDF) 2 Page - AIMTEC

部品番号 AMER48-KZ-C1
部品情報  1000mA | AC-DC LED driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER48-KZ-C1 データシート(HTML) 2 Page - AIMTEC

  AMER48-KZ-C1 Datasheet HTML 1Page - AIMTEC AMER48-KZ-C1 Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Series AMER48-KZ-C1
1000mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R1.B
2 of 2
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Temperature coefficient
0.05
% /
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Aluminum
Weight
750
g
Dimensions (L X H X W)
5.90 x 2.68 x 1.97 inches
150.00 x 68.00 x 50.00 mm
MTBF
> 50,000 hrs (MIL-HDBK-217 F at +25
oC)
*NOTE: Converters do not have Over Temperature Protection and will be damaged if their maximum case temperature is
exceeded.
Safety Specifications
Parameters
Agency approvals
CE
Standards
GB195110.1-2004/IEC61347-1:2003, EN55015, EN61000, EN61547
Dimensions
Side View
150.00
(5.90)
120.00
(4.72)
15.00
(0.59)
136.00
(5.35)
Top View
4.00
(0.16)
200.00
(8.00)
Output Cable is 18AWG at 20cm
200.00
(8.00)
Input Cable is 18AWG at 20cm
15.00
(0.59)
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


同様の部品番号 - AMER48-KZ-C1

メーカー部品番号データシート部品情報
logo
AIMTEC
AMER48-KZ AIMTEC-AMER48-KZ Datasheet
251Kb / 2P
   up to 1440mA | AC-DC LED driver
More results

同様の説明 - AMER48-KZ-C1

メーカー部品番号データシート部品情報
logo
AIMTEC
AMEPR40N-Z AIMTEC-AMEPR40N-Z Datasheet
603Kb / 7P
   up to 1000mA | AC-DC LED driver
AMEPR40-Z AIMTEC-AMEPR40-Z Datasheet
553Kb / 5P
   up to 1000mA | AC-DC LED driver
AMEPR40N-4280Z AIMTEC-AMEPR40N-4280Z Datasheet
603Kb / 7P
   up to 1000mA | AC-DC LED driver
AMEQR50N-Z AIMTEC-AMEQR50N-Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com