データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UMH2N データシート(PDF) 1 Page - Micro Commercial Components

部品番号 UMH2N
部品情報  Dual Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UMH2N データシート(HTML) 1 Page - Micro Commercial Components

  UMH2N_11 Datasheet HTML 1Page - Micro Commercial Components UMH2N_11 Datasheet HTML 2Page - Micro Commercial Components UMH2N_11 Datasheet HTML 3Page - Micro Commercial Components UMH2N_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mechanical Data
Case: SOT-363, Molded Plastic
Polarity: See Diagram (NPN*2)
UMH2N
Dual Transistors
Features
Two DTC144E chips in one package
Mounting possible with SOT-363 automatic mounting machines.
Transistor elements are independent, eliminating interference.
Maximum Ratings @
@ 25
Unless Otherwise Specified
Symbo
l
Paramete
r
Valu
e
Units
OFF CHARACTERISTICS
SOT-363
DIMENSIONS
J
M
A
C
B
G
H
K
D
L
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: A
2011/01/01
Micro Commercial Components
MCC
TM
www.mccsemi.com
1 of
4
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
VCC
Supply Voltage
50
V
Vi
Input voltage
-10 to +40
V
IC(MAX)
Output current
100
mA
PD
Power dissipation
150
mW
TJ
Junction temperature
150
Tstg
Storage temperature
-55~+150
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
INCHES
Marking: H2


同様の部品番号 - UMH2N_11

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
UMH2N MCC-UMH2N_13 Datasheet
416Kb / 4P
Dual Transistors
More results

同様の説明 - UMH2N_11

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
MD6002 CENTRAL-MD6002 Datasheet
54Kb / 1P
Dual Transistors
MD982 CENTRAL-MD982 Datasheet
54Kb / 1P
Dual Transistors
logo
Micro Commercial Compon...
UMY1N MCC-UMY1N Datasheet
467Kb / 3P
Dual Transistors
EMD22 MCC-EMD22 Datasheet
326Kb / 3P
Dual Transistors
UMT1N MCC-UMT1N_11 Datasheet
382Kb / 4P
Dual Transistors
UMT1N MCC-UMT1N Datasheet
541Kb / 4P
Dual Transistors
logo
Central Semiconductor C...
2N2060 CENTRAL-2N2060 Datasheet
52Kb / 1P
Dual Transistors
logo
Micro Commercial Compon...
UMH2N MCC-UMH2N Datasheet
375Kb / 4P
Dual Transistors
UMB4N MCC-UMB4N Datasheet
787Kb / 4P
Dual Transistors
UMZ1N MCC-UMZ1N_13 Datasheet
522Kb / 5P
Dual Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com