データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSR6V600D1_1010 データシート(PDF) 4 Page - Diodes Incorporated

部品番号 DSR6V600D1_1010
部品情報  6A DIODESTAR RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSR6V600D1_1010 データシート(HTML) 4 Page - Diodes Incorporated

  DSR6V600D1_1010 Datasheet HTML 1Page - Diodes Incorporated DSR6V600D1_1010 Datasheet HTML 2Page - Diodes Incorporated DSR6V600D1_1010 Datasheet HTML 3Page - Diodes Incorporated DSR6V600D1_1010 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DSR6V600D1
Document number: DS33404 Rev. 3 - 2
4 of 4
www.diodes.com
October 2010
© Diodes Incorporated
DSR6V600D1
Suggested Pad Layout
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDING TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B.
A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2010, Diodes Incorporated
www.diodes.com
Dimensions
Value (in mm)
Z
11.6
X1
1.5
X2
7.0
Y1
2.5
Y2
7.0
C
6.9
E1
2.3
X2
C
Z
X1
Y1
E1
Y2


同様の部品番号 - DSR6V600D1_1010

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
DSR6V600D1-13 DIODES-DSR6V600D1-13 Datasheet
97Kb / 4P
   6A DIODESTAR RECTIFIER
DS33404 Rev. 2 - 2
More results

同様の説明 - DSR6V600D1_1010

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
DSR6U600P5 DIODES-DSR6U600P5 Datasheet
105Kb / 5P
   6A DIODESTAR RECTIFIER
DSR6V600D1 DIODES-DSR6V600D1 Datasheet
97Kb / 4P
   6A DIODESTAR RECTIFIER
DS33404 Rev. 2 - 2
DSR6U600D1 DIODES-DSR6U600D1 Datasheet
97Kb / 4P
   6A DIODESTAR RECTIFIER
DS33405 Rev. 2 - 2
DSR6V600P5 DIODES-DSR6V600P5 Datasheet
106Kb / 5P
   6A DIODESTAR RECTIFIER
DSR8A600 DIODES-DSR8A600_15 Datasheet
265Kb / 6P
   8A DIODESTAR RECTIFIER
DSR15V600 DIODES-DSR15V600_11 Datasheet
100Kb / 5P
   15A DIODESTAR RECTIFIER
DSR8U600 DIODES-DSR8U600 Datasheet
93Kb / 4P
   8A DIODESTAR RECTIFIER
DS35011 Rev. 2 - 2
DSR8V600 DIODES-DSR8V600 Datasheet
92Kb / 4P
   8A DIODESTAR RECTIFIER
DS35010 Rev. 2 - 2
DSR15V600 DIODES-DSR15V600 Datasheet
91Kb / 4P
   15A DIODESTAR RECTIFIER
DS35012 Rev. 2 - 2
DSR15U600 DIODES-DSR15U600_11 Datasheet
101Kb / 5P
   15A DIODESTAR RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com