データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T1635-600G データシート(PDF) 1 Page - Tiger Electronic Co.,Ltd

部品番号 T1635-600G
部品情報  Triacs sensitive gate
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

T1635-600G データシート(HTML) 1 Page - Tiger Electronic Co.,Ltd

  T1635-600G Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Repetitive peak off-state
voltages
V
DRM
V
RRM
600
V
RMS on-state current
I
T(RMS)
16
A
Non-repetitive peak
on-state current
I
TSM
168
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
T1635-600G
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
600
V
RMS on-state current
I
T(RMS)
full sine wave; T
mb ≤107
oC
16
A
On-state voltage
V
T
I
T=22.5A
1.55
V
Holding current
I
H
V
D = 12 V; IGT = 0.1 A
35
mA
Gate trigger
current
T2+G+
I
GT
V
D = 12 V; IT = 0.1 A
35
mA
T2+G-
35
T2-G-
35
T2-G+
60
Latching
current
T2+G+
I
L
V
D = 12 V; IGT = 0.1 A
50
mA
T2+G-
60
T2-G-
50
T2-G+
60
Gate trigger voltage
V
GT
V
D = 12 V; IT = 0.1 A
1.3
V
Triacs sensitive gate
Passivated, sensitive gate triacs in a plastic
envelope, intended for use in general purpose
bidirectional switching and phase control
applications, where high sensitivity is required
in all four quadrants.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TO-263
TIGER ELECTRONIC CO.,LTD


同様の部品番号 - T1635-600G

メーカー部品番号データシート部品情報
logo
STMicroelectronics
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
103Kb / 5P
   HIGH PERFORMANCE TRIAC
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
99Kb / 9P
   16A TRIACS
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
116Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
logo
Inchange Semiconductor ...
T1635-600G ISC-T1635-600G Datasheet
215Kb / 1P
   isc Triacs
logo
STMicroelectronics
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
More results

同様の説明 - T1635-600G

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com