| データシートサーチシステム |
|
HT45F23 データシート(PDF) 113 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F23 データシート(HTML) 113 Page - Holtek Semiconductor Inc |
|
113 / 152 page ![]() Comparators switch control: The following table illustrates the relationship between comparators control register settings and the switches: · HT45F23 CMP1,CMP2 Control Bits Switch Description Results CNPSEL C2PSEL C1NSEL C1OFM C1RS SW1 SW2 SW3 S1A S2A S3A S7C S10D Connections 1 (Forced to 1) x 1 (Forced to 1) 11 ON CNP x ON C1N ON OFF ON OFF OFF Input common mode= CNP 1 (Forced to 1) x 1 (Forced to 1) 10 ON CNP x ON C1N OFF ON ON OFF OFF Input common mode= C1N 1 0 1 0 x ON x C1N ON ON OFF OFF OFF Input = CNP, C1N 1 0 0 0 x ON x VH ON ON OFF OFF OFF Input = CNP, VH1 0 0 1 0 x OFF x C1N ON ON OFF ON OFF Input = A1E, C1N 0 0 1 0 x OFF x C1N ON ON OFF OFF ON Input = A2E, C1N · HT45F43 CMP1,CMP2 Control Bits Switch Description Results CNPSEL C2PSEL C1NSEL SW1 SW2 SW3 S1A S2A S3A S7C S10D Connections 1 0 1 ON x C1N ON ON OFF OFF OFF Input = CNP, C1N 1 0 0 ON x VH ON ON OFF OFF OFF Input = CNP, VH1 0 0 1 OFF x C1N ON ON OFF ON OFF Input = A1E, C1N 0 0 1 OFF x C1N ON ON OFF OFF ON Input = A2E, C1N HT45F23/HT45F43 8-Bit Flash MCU with Op Amps & Comparators Rev. 1.20 113 September 15, 2011 |