データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE555 データシート(PDF) 8 Page - Diodes Incorporated

部品番号 NE555
部品情報  PRECISION TIMERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE555 データシート(HTML) 8 Page - Diodes Incorporated

Back Button NE555 Datasheet HTML 4Page - Diodes Incorporated NE555 Datasheet HTML 5Page - Diodes Incorporated NE555 Datasheet HTML 6Page - Diodes Incorporated NE555 Datasheet HTML 7Page - Diodes Incorporated NE555 Datasheet HTML 8Page - Diodes Incorporated NE555 Datasheet HTML 9Page - Diodes Incorporated NE555 Datasheet HTML 10Page - Diodes Incorporated NE555 Datasheet HTML 11Page - Diodes Incorporated NE555 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
8 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Typical Applications Characteristics (cont.)
Astable Operation
As shown in Figure 4, adding a second resistor, RB, to the circuit of Figure 1 and connecting the trigger input to the threshold
input causes the timer to self-trigger and run as a multivibrator. The capacitor C charges through RA and RB and then
discharges through RB. Therefore, the duty cycle is controlled by the values of RA and RB.
This astable connection results in capacitor C charging and discharging between the threshold-voltage level (
≉0.67VCC) and
the trigger-voltage level (
≉0.33VCC). As in the monostable circuit, charge and discharge times (and, therefore, the frequency
and duty cycle) are independent of the supply voltage.
 
C
RL
RA
RB
THRES
TRIG
DISCH
RESET
CONT
VCC
GND
OUT
Output
4
7
6
2
1
3
8
5
Open
(See Note A)
VCC
(5V to 15V)
Decoupling CONT voltage to ground with a capacitor can
improve operation. This should be evaluated for individual
applications.
0.01µF
Fig. 4 Circuit for Astable Operation
Fig. 5 Typical Astable Waveforms
Figure 5 shows typical waveforms generated during astable operation. The output high-level duration tH and low-level
duration tL can be calculated as follows:
tH = 0.693(RA +RB)C
tL = 0.693(RB)C
Other useful equations are:
period = tH + tL = 0.693(RA + 2RB)C
frequency = 1.44/(RA + 2RB)C
output driver duty cycle = tL/(tH + tL) = RB/(RA + 2RB)
output waveform duty cycle = tH/(tH + tL) = 1 – RB/(RA + 2RB)
low to high ratio = tL/tH = RB/(RA + RB)
Fig. 6 Free Running Frequency


同様の部品番号 - NE555

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
Precision Timer
logo
Fairchild Semiconductor
NE555 FAIRCHILD-NE555 Datasheet
150Kb / 14P
Single Timer
logo
Harris Corporation
NE555 HARRIS-NE555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
NEC
NE555 NEC-NE555 Datasheet
26Kb / 1P
PRECISION TIMERS
More results

同様の説明 - NE555

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
PRECISION TIMERS
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com