データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE555L-D08-T データシート(PDF) 4 Page - Unisonic Technologies

部品番号 NE555L-D08-T
部品情報  SINGLE TIMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555L-D08-T データシート(HTML) 4 Page - Unisonic Technologies

  NE555L-D08-T Datasheet HTML 1Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 2Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 3Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 4Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 5Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 6Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 7Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NE555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R106-001,F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
16
V
Power Dissipation
PD
600
mW
Junction Temperature
TJ
+125
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V
CC=5 ~ 15V, Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
16
V
VCC=5V, RL=
3
6
mA
Supply Current (Note 1)
ICC
VCC=15V, RL=
7.5
15
mA
Monostable
1.0
3.0
%
Initial Accurary (Note 2)
Astable
ACCUR
RA=1k ~ 100kΩ
2.25
%
Monostable
50
ppm/
°C
Drift with Temperature
Astable
Δt/ΔT
C=0.1
μF
150
ppm/
°C
Monostable
0.1
0.5
%/V
Drift with Supply Voltage
Astable
Δt/ΔV
CC
0.3
%/V
VCC=15V
9.0
10.0
11.0
V
Control Voltage
VC
VCC=5V
2.6
3.33
4.0
V
VCC=15V
10.0
V
Threshold Voltage
VTH
VCC=5V
3.33
V
Threshold Current(Note 3)
ITH
0.1
0.25
μA
VCC=5V
1.1
1.67
2.2
V
Trigger Voltage
VTR
VCC=15V
4.5
5
5.6
V
Trigger Current
ITR
VTR=0
0.01
2.0
μA
Reset Voltage
VRST
0.4
0.7
1.0
V
Reset Current
IRST
0.1
0.4
mA
VCC=15V
ISINK=10mA
0.06
0.25
V
ISINK=50mA
0.3
0.75
V
VCC=5V
Low Output Voltage
VOL
ISINK=5mA
0.05
0.35
V
VCC=15V
ISOURCE=200mA
12.5
V
ISOURCE=100mA
12.75
13.3
V
High Output Voltage
VOH
VCC=5V, ISOURCE=100mA
2.75
3.3
V
Rise Time of Output
tR
100
ns
Fall Time of Output
tF
100
ns
Discharge Leakage Current
ILKG
20
100
nA
Note 1: Supply current when output high typically 1mA less at VCC=5V.
Note 2: Tested at VCC=5.0V and VCC=15V.
Note 3: This will determine the maximum value of RA+RB for 15V operation, The maximum total is R=20MΩ, and for
5V operation the maximum total is R=6.7M
Ω.


同様の部品番号 - NE555L-D08-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555L-D08-T UTC-NE555L-D08-T Datasheet
205Kb / 8P
   SINGLE TIMER
NE555L-D08-T UTC-NE555L-D08-T Datasheet
242Kb / 7P
   SINGLE TIMER
More results

同様の説明 - NE555L-D08-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com