データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2003 データシート(PDF) 1 Page - Unisonic Technologies

部品番号 ULN2003
部品情報  7CH DARLINGTON SINK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2003 データシート(HTML) 1 Page - Unisonic Technologies

  ULN2003_11 Datasheet HTML 1Page - Unisonic Technologies ULN2003_11 Datasheet HTML 2Page - Unisonic Technologies ULN2003_11 Datasheet HTML 3Page - Unisonic Technologies ULN2003_11 Datasheet HTML 4Page - Unisonic Technologies ULN2003_11 Datasheet HTML 5Page - Unisonic Technologies ULN2003_11 Datasheet HTML 6Page - Unisonic Technologies ULN2003_11 Datasheet HTML 7Page - Unisonic Technologies ULN2003_11 Datasheet HTML 8Page - Unisonic Technologies ULN2003_11 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULN2003
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R113-001.J
7CH DARLINGTON SINK
DRIVER
DESCRIPTION
The UTC ULN2003 are high-voltage, high-current darlington
drivers comprised of seven NPN Darlington pairs.
All units feature integral clamp diodes for switching inductive
loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
FEATURES
*Output Current (Single Output): 500mA (MAX.)
*High Sustaining Voltage Output: 50V (MIN.)
*Output Clamp Diodes
*Inputs Compatible With Various Types Of Logic
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULN2003L-D16-T
ULN2003G-D16-T
DIP-16
Tube
ULN2003L-S16-R
ULN2003G-S16-R
SOP-16
Tape Reel
ULN2003L-S16-T
ULN2003G-S16-T
SOP-16
Tube


同様の部品番号 - ULN2003_11

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ULN2003D1 STMICROELECTRONICS-ULN2003D1 Datasheet
163Kb / 14P
   Seven darlington array
ULN2003D1013TR STMICROELECTRONICS-ULN2003D1013TR Datasheet
163Kb / 14P
   Seven darlington array
ULN2003D1013TR STMICROELECTRONICS-ULN2003D1013TR Datasheet
605Kb / 14P
   Seven darlington array
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003F12 DIODES-ULN2003F12 Datasheet
371Kb / 2P
   Seven Channel, DMOSFET, Transistor Array with Negative Input Range Provides Load Current Feedback and Reduced Power Dissipation
More results

同様の説明 - ULN2003_11

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
TD620003 TOSHIBA-TD620003 Datasheet
278Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com