データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2004 データシート(PDF) 6 Page - Unisonic Technologies

部品番号 ULN2004
部品情報  7CH DARLINGTON SINK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2004 データシート(HTML) 6 Page - Unisonic Technologies

  ULN2004_10 Datasheet HTML 1Page - Unisonic Technologies ULN2004_10 Datasheet HTML 2Page - Unisonic Technologies ULN2004_10 Datasheet HTML 3Page - Unisonic Technologies ULN2004_10 Datasheet HTML 4Page - Unisonic Technologies ULN2004_10 Datasheet HTML 5Page - Unisonic Technologies ULN2004_10 Datasheet HTML 6Page - Unisonic Technologies ULN2004_10 Datasheet HTML 7Page - Unisonic Technologies ULN2004_10 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ULN2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R113-008.B
PRECAUTIONS FOR USING
This IC does not include built-in protection circuits for excess current or overvoltage. If this IC is subjected to
excess current or overvoltage, it may be destroyed. Hence, the utmost care must be taken when systems which
incorporate this IC are designed. Utmost care is necessary in the design of the output line, COMMON and GND line
since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper
grounding.
TYPICAL CHARACTERISTICS
500
400
300
200
100
020
40
60
80
100
SOP-16
Ta=25℃
On PCB
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
n=1
2
3
4
5
6
7
50
0
40
0
30
0
200
10
0
0
020
40
60
80
100
IOUT - Duty Cycle
Duty Cycle (%)
n=1
2
3
4
5
6
7
SOP-16
Ta=85℃
On PCB
n-ch
ACTIVE
500
400
300
200
0
20
40
60
80
DIP-16
Ta=25℃
FREE AIR
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
2
3
4
5
6
7
500
400
300
200
0
20
40
60
80
DIP-16
Ta=85℃
FREE AIR
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
2
3
4
5
6
7
100
100
100
100
n=1
n=1
0
0
3
2
1
0
0
10
20
30
40
IN - VIN
Input Voltage VIN (V)
Ta=25℃
IOUT=100mA
200
300
IN - VIN
0
1
0
2
7
911
Input Voltage VIN (V)
Max.
Typ.
Min.


同様の部品番号 - ULN2004_10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
163Kb / 14P
Seven darlington array
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
605Kb / 14P
Seven darlington array
More results

同様の説明 - ULN2004_10

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
7CH DARLINGTON SINK DRIVER
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
7CH DARLINGTON SINK DRIVER
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
7ch Darlington Sink Driver
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
7CH DARLINGTON SINK DRIVER
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD620003 TOSHIBA-TD620003 Datasheet
278Kb / 10P
7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com