データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

15015-0223 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 15015-0223
部品情報  Premo-Flex??Etched Polyimide Jumpers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX2 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

15015-0223 データシート(HTML) 2 Page - Molex Electronics Ltd.

  15015-0223 Datasheet HTML 1Page - Molex Electronics Ltd. 15015-0223 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order No. 987650-6721
Printed in EUR/GF/2011.12
©2011, Molex
www.molex.com/product/premoflex_ffc-fpc.html
Reference Information
Packaging: Box
Flame Resistance: UL 758 WV-1
Mates With: 0.30mm pitch FPC connectors,
series 502598
Designed In: Millimeters
RoHS: Yes
Halogen Free: Yes
Mechanical
Temperature Rating: -40 to +105°C
Heat Resistance: 96 hours at +85°C
Moisture Resistance:
Mate with Molex series 502598 and
expose to 40°C, relative humidity 98-95%
for 96 hours. Part then conditioned at
ambient for 1 hour, then specified
measurements performed
Folding: Specimen to be folded manually at
+180°C over a 4.00mm (.157") radius,
min. 20 cycles
Electrical
Voltage: 50V AC/DC max.
Current: 0.2A max.
Dielectric Withstanding Voltage: 200V AC
for 1 minute, no disrupted discharge
Insulation Resistance: 50 Megohms/ km min.
Conductor Resistance: 60 milliohm max.
ORDERING INFORMATION
Premo-FlexEtched
Polyimide Jumpers
Cable Thickness 0.12mm
15015
Gold, 0.30mm Pitch, Polyimide, 105°C
SPECIFICATIONS
Circuits
Order No.
Length inches
Length mm
Width inches
Width mm
23
15015-0223
2
50.8
0.283
7.2
15015-0423
4
101.6
15015-0623
6
152.4
15015-0823
8
203.2
15015-1023
10
254
25
15015-0225
2
50.8
0.307
7.8
15015-0425
4
101.6
15015-0625
6
152.4
15015-0825
8
203.2
15015-1025
10
254
27
15015-0227
2
50.8
0.331
8.4
15015-0427
4
101.6
15015-0627
6
152.4
15015-0827
8
203.2
15015-1027
10
254
29
15015-0229
2
50.8
0.354
9
15015-0429
4
101.6
15015-0629
6
152.4
15015-0829
8
203.2
15015-1029
10
254
33
15015-0233
2
50.8
0.403
10.2
15015-0433
4
101.6
15015-0633
6
152.4
15015-0833
8
203.2
15015-1033
10
254
39
15015-0239
2
50.8
0.472
12
15015-0439
4
101.6
15015-0639
6
152.4
15015-0839
8
203.2
15015-1039
10
254
45
15015-0245
2
50.8
0.543
13.8
15015-0445
4
101.6
15015-0645
6
152.4
15015-0845
8
203.2
15015-1045
10
254
51
15015-0251
2
50.8
0.614
15.6
15015-0451
4
101.6
15015-0651
6
152.4
15015-0851
8
203.2
15015-1051
10
254


同様の部品番号 - 15015-0223

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
15015-0423 MOLEX1-15015-0423 Datasheet
42Kb / 1P
0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0425 MOLEX1-15015-0425 Datasheet
42Kb / 1P
0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0427 MOLEX1-15015-0427 Datasheet
42Kb / 1P
0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0433 MOLEX1-15015-0433 Datasheet
42Kb / 1P
0.30mm Pitch Premo-Flex??Etched Copper Polyimide Jumper
More results

同様の説明 - 15015-0223

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
15015-0423 MOLEX1-15015-0423 Datasheet
42Kb / 1P
0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0425 MOLEX1-15015-0425 Datasheet
42Kb / 1P
0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0427 MOLEX1-15015-0427 Datasheet
42Kb / 1P
0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0433 MOLEX1-15015-0433 Datasheet
42Kb / 1P
0.30mm Pitch Premo-Flex??Etched Copper Polyimide Jumper
0150200303 MOLEX2-0150200303 Datasheet
42Kb / 1P
Premo-Flex??FFC and Etched Polyimide Jumpers
0150200457 MOLEX2-0150200457 Datasheet
42Kb / 1P
Premo-Flex??FFC and Etched Polyimide Jumpers
0150150239 MOLEX1-0150150239 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150245 MOLEX1-0150150245 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150425 MOLEX1-0150150425 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0152670923 MOLEX1-0152670923 Datasheet
37Kb / 1P
Premo-Flex Cable Jumpers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com