データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TF252 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 TF252
部品情報  Electret Condenser Microphone Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF252 データシート(HTML) 1 Page - Sanyo Semicon Device

  TF252_12 Datasheet HTML 1Page - Sanyo Semicon Device TF252_12 Datasheet HTML 2Page - Sanyo Semicon Device TF252_12 Datasheet HTML 3Page - Sanyo Semicon Device TF252_12 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TF252
No. A0841-1/4
SANYO Semiconductors
DATA SHEET
Features
High gain : GV=1.0dB typ (VCC=2V, RL=2.2kΩ, Cin=5pF, VIN=10mV, f=1kHz).
Ultrasmall package facilitates miniaturization in end products [1.0mm
✕0.6mm✕0.27mm (max 0.3mm)].
Best suited for use in Electret Condenser Microphone for audio equipments and telephones.
Excellent voltage characteristics.
Excellent transient characteristics.
Adoption of FBET process.
Halogen free compliance.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Gate-to-Drain Voltage
VGDO
--20
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
30
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking: D
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0841
70407GB TI IM TC-00000793
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
TF252
N-channel Silicon Junction FET
Electret Condenser Microphone
Applications


同様の部品番号 - TF252_12

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TF252-4-TL-H ONSEMI-TF252-4-TL-H Datasheet
335Kb / 7P
   N-Channel JFET
August, 2013
TF252-5-TL-H ONSEMI-TF252-5-TL-H Datasheet
335Kb / 7P
   N-Channel JFET
August, 2013
logo
TDK Electronics
TF2527VU TDK-TF2527VU Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2528S TDK-TF2528S Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2528S-152Y5R0-K1 TDK-TF2528S-152Y5R0-K1 Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
More results

同様の説明 - TF252_12

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
TF208TH SANYO-TF208TH Datasheet
33Kb / 4P
   Electret Condenser Microphone Applications
EC3A01T SANYO-EC3A01T Datasheet
37Kb / 5P
   Electret Condenser Microphone Applications
EC3A01B SANYO-EC3A01B Datasheet
38Kb / 5P
   Electret Condenser Microphone Applications
TF256 SANYO-TF256 Datasheet
343Kb / 5P
   Electret Condenser Microphone Applications
TF256TH SANYO-TF256TH Datasheet
343Kb / 5P
   Electret Condenser Microphone Applications
TF202 SANYO-TF202 Datasheet
32Kb / 4P
   Electret Condenser Microphone Applications
TF252TH SANYO-TF252TH_12 Datasheet
440Kb / 7P
   Electret Condenser Microphone Applications
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com