データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TF252TH データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 TF252TH
部品情報  Electret Condenser Microphone Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF252TH データシート(HTML) 1 Page - Sanyo Semicon Device

  TF252TH_12 Datasheet HTML 1Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 2Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 3Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 4Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 5Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 6Page - Sanyo Semicon Device TF252TH_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TF252TH
No. A0842-1/7
Ordering number : ENA0842A
53012 TKIM/70407GB TI IM TC-00000796
SANYO Semiconductors
DATA SHEET
http://semicon.sanyo.com/en/network
Features
High gain : GV=1.0dB typ (VCC=2V, RL=2.2kΩ, Cin=5pF, VIN=10mV, f=1kHz)
Ultrasmall package facilitates miniaturization in end products
Best suited for use in electret condenser microphone for audio equipments and telephones
Excellent voltage characteristics
Excellent transient characteristics
Adoption of FBET process
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Gate-to-Drain Voltage
VGDO
--20
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7031A-001
TF252TH
N-channel Silicon Juncton FET
Electret Condenser Microphone
Applications
Product & Package Information
• Package
: VTFP
• JEITA, JEDEC
: SC-106A
• Minimum Packing Quantity : 8,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Drain
2 : Source
3 : Gate
SANYO : VTFP
1
3
12
2
3
1.4
0.25
0.2
0.45
0.1
0 to 0.02
TL
TF252TH-4-TL-H
TF252TH-5-TL-H
1
3
2
D


同様の部品番号 - TF252TH_12

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TF252TH-4-TL-H ONSEMI-TF252TH-4-TL-H Datasheet
333Kb / 7P
   N-Channel JFET
August, 2013
TF252TH-5-TL-H ONSEMI-TF252TH-5-TL-H Datasheet
333Kb / 7P
   N-Channel JFET
August, 2013
More results

同様の説明 - TF252TH_12

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
TF252 SANYO-TF252_12 Datasheet
69Kb / 4P
   Electret Condenser Microphone Applications
TF208TH SANYO-TF208TH Datasheet
33Kb / 4P
   Electret Condenser Microphone Applications
EC3A01T SANYO-EC3A01T Datasheet
37Kb / 5P
   Electret Condenser Microphone Applications
EC3A01B SANYO-EC3A01B Datasheet
38Kb / 5P
   Electret Condenser Microphone Applications
TF256 SANYO-TF256 Datasheet
343Kb / 5P
   Electret Condenser Microphone Applications
TF256TH SANYO-TF256TH Datasheet
343Kb / 5P
   Electret Condenser Microphone Applications
TF202 SANYO-TF202 Datasheet
32Kb / 4P
   Electret Condenser Microphone Applications
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com