データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TK12A60D データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TK12A60D
部品情報  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK12A60D データシート(HTML) 1 Page - Toshiba Semiconductor

  TK12A60D Datasheet HTML 1Page - Toshiba Semiconductor TK12A60D Datasheet HTML 2Page - Toshiba Semiconductor TK12A60D Datasheet HTML 3Page - Toshiba Semiconductor TK12A60D Datasheet HTML 4Page - Toshiba Semiconductor TK12A60D Datasheet HTML 5Page - Toshiba Semiconductor TK12A60D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TK12A60D
2010-08-12
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSⅦ)
TK12A60D
Switching Regulator Applications
• Low drain-source ON resistance: RDS (ON) = 0.45 Ω (typ.)
• High forward transfer admittance: ⎪Yfs⎪ = 7.5 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 600 V)
• Enhancement-mode: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
12
Drain current
Pulse (Note 1)
IDP
48
A
Drain power dissipation (Tc
= 25°C)
PD
45
W
Single pulse avalanche energy
(Note 2)
EAS
359
mJ
Avalanche current
IAR
12
A
Repetitive avalanche energy (Note 3)
EAR
4.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and Methods’’) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
2.78
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
62.5
°C/W
Note 1: Please use devices on conditions that the channel temperature is below 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 4.36 mH, RG = 25 Ω, IAR = 12 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
Ф
3.2
± 0.2
10
± 0.3
2.7
± 0.2
A
1.14
± 0.15
0.69
± 0.15
2.54
2.54
1 2 3
M
Ф
0.2
A
JEDEC
JEITA
SC-67
TOSHIBA
2-10U1B
Weight : 1.7 g (typ.)
1
3
2
1: Gate
2: Drain
3: Source
Internal Connection


同様の部品番号 - TK12A60D

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
TK12A60D ISC-TK12A60D Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

同様の説明 - TK12A60D

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
Switching Regulator Applications
logo
Toshiba Semiconductor
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com