データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXD1171M データシート(PDF) 1 Page - Sony Corporation

部品番号 CXD1171M
部品情報  8-bit 40MSPS High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1171M データシート(HTML) 1 Page - Sony Corporation

  CXD1171M Datasheet HTML 1Page - Sony Corporation CXD1171M Datasheet HTML 2Page - Sony Corporation CXD1171M Datasheet HTML 3Page - Sony Corporation CXD1171M Datasheet HTML 4Page - Sony Corporation CXD1171M Datasheet HTML 5Page - Sony Corporation CXD1171M Datasheet HTML 6Page - Sony Corporation CXD1171M Datasheet HTML 7Page - Sony Corporation CXD1171M Datasheet HTML 8Page - Sony Corporation CXD1171M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
—1—
E89X38F01
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
AVDD, DVDD
7V
• Input voltage (All pins)
VIN
VDD +0.5 to VSS –0.5 V
• Output current
IOUT
15
mA
• Storage temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions
• Supply voltage
AVDD, AVSS 4.75 to 5.25
V
DVDD, DVSS 4.75 to 5.25
V
• Reference input voltage
VREF
2.0
V
• Clock pulse width
Tpw1,Tpw0 11.2 ns (min) to 1.1 µs (max)
• Operating temperature
Topr
–40 to +85
°C
Description
The CXD1171M is a 8-bit 40 MHz high speed D/A
converter. The adoption of a current output system
reduces power consumption to 80 mW (200
Ω load
at 2 Vp-p output).
This IC is suitable for digital TV and graphic
display applications.
Features
• Resolution 8-bit
• Max. conversion speed 40MSPS
• Non linearity error within ±0.25 LSB
• Low glitch noise
• TTL CMOS compatible input
• +5 V single power supply
• Low power consumption 80 mW
(200
Ω load at 2 Vp-p output)
Function
8-bit 40 MHz D/A converter
Structure
Silicon gate CMOS IC
8-bit 40MSPS High Speed D/A Converter
24 pin SOP (Plastic)
CXD1171M


同様の部品番号 - CXD1171M

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
More results

同様の説明 - CXD1171M

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
   8-bit 40MSPS YC 2-channel D/A Converter
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com