| データシートサーチシステム |
|
STA382BW データシート(PDF) 164 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BW データシート(HTML) 164 Page - STMicroelectronics |
|
164 / 172 page ![]() Register description: Sound Terminal compatibility STA382BW 164/172 Doc ID 022783 Rev 1 7.30 MISC3 (address 0x6E) After SRESET is written, the last IC acknowledge is skipped and the EAPD bit (reg 0x16 bit D7) is set to1 instead of the 0 default value obtained after the hardware reset. 7.31 MISC4 (address 0x7E) D7 D6 D5 D4 D3 D2 D1 D0 reserved reserved reserved reserved reserved SRESET reserved reserved 00 00 00 0 0 Table 183. Misc register 3 Bit R/W RST Name Description 2 R/W 0 SRESET ‘0’: normal operation ‘1’: reset the device D7 D6 D5 D4 D3 D2 D1 D0 SMAP reserved reserved reserved reserved reserved reserved reserved 10 00 00 0 0 Table 184. MISC4 Bit R/W RST Name Description 71 SMAP ‘1’: NEWMAP ‘0’: STMAP |