データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP-105-40-00 データシート(PDF) 5 Page - Texas Instruments

部品番号 TP-105-40-00
部品情報  ISO5500EVM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TP-105-40-00 データシート(HTML) 5 Page - Texas Instruments

  TP-105-40-00 Datasheet HTML 1Page - Texas Instruments TP-105-40-00 Datasheet HTML 2Page - Texas Instruments TP-105-40-00 Datasheet HTML 3Page - Texas Instruments TP-105-40-00 Datasheet HTML 4Page - Texas Instruments TP-105-40-00 Datasheet HTML 5Page - Texas Instruments TP-105-40-00 Datasheet HTML 6Page - Texas Instruments TP-105-40-00 Datasheet HTML 7Page - Texas Instruments TP-105-40-00 Datasheet HTML 8Page - Texas Instruments TP-105-40-00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
R4
D2
D3
R5
R4
D2
D3
R5
(As Shipped)
Same
Turnon/Turnoff The
To Change Turnon and
Turnoff
www.ti.com
Printed-Circuit Board
Figure 4. Component Changes to Change Turnon/Turnoff
2.1.2.5
The Interchange Jumper
– JMP8
The ISO5500 device is similar to other devices currently available from other manufacturers. One of the
similar devices uses pin 15 as an output driver for an LED. The TI ISO5500 uses pin 15 as a VEE (GND)
connection. If the user wishes to install a different device onto the PCB, and that device does not use pin
15 as a VEE connection, the user can simply use the jumper short from JMP8. This opens the pin 15
connection to VEE. JMP8 can then be used as a test point for the output signal on pin 15.
2.1.3
Test Points
Test points have been provided for ready access to signal monitoring. They are listed in Table 1.
Table 1. Test Points
TEST POINT
I/O
FUNCTION
TP1
Output
FAULT PIN
(Left side)
TP2
Input
RESET
(Left side)
TP3
Input
VIN
(Left side)
TP4
Input
VIN+
(Left side)
TP5
Output
VOUT
(Right Side)
TP6
Output
GATE VOLTAGE
(Right Side)
TP7
Input
DRAIN VOLTAGE
(Right Side)
TP8
Input
DESAT VOLTAGE (Right Side)
TP9
Output
GND1
(Left side)
TP10
Input
VCC1
(Left side)
TP11
Output
VEE
(Right Side)
TP12
Input
VCC2
(Right Side)
TP13
Input
VE
(Right Side)
2.2
Schematic and Bill of Materials
The ISO5500EVM schematic follows the bill of materials.
5
SLLU136
– September 2011
ISO5500EVM
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


同様の部品番号 - TP-105-40-00

メーカー部品番号データシート部品情報
logo
Tyco Electronics
TP-105 MACOM-TP-105 Datasheet
133Kb / 1P
RF Pulse Transformer 500 kHz - 1 GHz
logo
M/A-COM Technology Solu...
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
RF Pulse Transformer, 500 KHz - 1 GHz
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
RF Pulse Transformer
logo
Tyco Electronics
TP-105PIN MACOM-TP-105PIN Datasheet
133Kb / 1P
RF Pulse Transformer 500 kHz - 1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com