データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM555 データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 LM555
部品情報  Single Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM555 データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button LM555_12 Datasheet HTML 5Page - Fairchild Semiconductor LM555_12 Datasheet HTML 6Page - Fairchild Semiconductor LM555_12 Datasheet HTML 7Page - Fairchild Semiconductor LM555_12 Datasheet HTML 8Page - Fairchild Semiconductor LM555_12 Datasheet HTML 9Page - Fairchild Semiconductor LM555_12 Datasheet HTML 10Page - Fairchild Semiconductor LM555_12 Datasheet HTML 11Page - Fairchild Semiconductor LM555_12 Datasheet HTML 12Page - Fairchild Semiconductor LM555_12 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LM555
10
When the trigger starts in a timer configured as shown in Figure 13, the current flowing through capacitor C1 becomes a
constant current generated by PNP transistor and resistors.
Hence, the VC is a linear ramp function as shown in Figure 14. The gradient S of the linear ramp function is defined as
follows:
Here the Vp-p is the peak-to-peak voltage.
If the electric charge amount accumulated in the capacitor is divided by the capacitance, the VC comes out as follows:
V=Q/C
(15)
The above equation divided on both sides by T gives us
and may be simplified into the following equation.
S=I/C
(17)
In other words, the gradient of the linear ramp function appearing across the capacitor can be obtained by using the constant
current flowing through the capacitor.
If the constant current flow through the capacitor is 0.215mA and the capacitance is 0.02
F, the gradient of the ramp function
at both ends of the capacitor is S = 0.215m/0.022
 = 9.77V/ms.
S
V
pp
T
----------------
=
14

V
T
----
QT
C
------------
=
16



同様の部品番号 - LM555_12

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM555-MIL TI1-LM555-MIL Datasheet
561Kb / 18P
[Old version datasheet]   LM555-MIL Timer
LM555-MWC TI1-LM555-MWC Datasheet
1Mb / 25P
[Old version datasheet]   Timer
LM555-MWC TI1-LM555-MWC Datasheet
561Kb / 18P
[Old version datasheet]   LM555-MIL Timer
logo
Intersil Corporation
LM555C INTERSIL-LM555C Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
LM555C HARRIS-LM555C Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
More results

同様の説明 - LM555_12

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com