| データシートサーチシステム |
|
WM8321 データシート(PDF) 121 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8321 データシート(HTML) 121 Page - Wolfson Microelectronics plc |
|
121 / 253 page ![]() Production Data WM8321 w PD, February 2012, Rev 4.0 121 ADDRESS BIT LABEL DESCRIPTION 7 PPM_INT Power Path Management primary interrupt 0 = No interrupt 1 = Interrupt is asserted 5 RTC_INT Real Time Clock and Crystal Oscillator primary interrupt 0 = No interrupt 1 = Interrupt is asserted 4 OTP_INT OTP Memory primary interrupt 0 = No interrupt 1 = Interrupt is asserted 1 HC_INT High Current primary interrupt 0 = No interrupt 1 = Interrupt is asserted 0 UV_INT Undervoltage primary interrupt 0 = No interrupt 1 = Interrupt is asserted R16408 (4018h) System Interrupts Mask 15 IM_PS_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 14 IM_TEMP_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 13 IM_GP_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 12 IM_ON_PIN_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 11 IM_WDOG_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 8 IM_AUXADC_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 7 IM_PPM_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 5 IM_RTC_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 4 IM_OTP_INT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) |