| データシートサーチシステム |
|
WM8321 データシート(PDF) 162 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8321 データシート(HTML) 162 Page - Wolfson Microelectronics plc |
|
162 / 253 page ![]() WM8321 Production Data w PD, February 2012, Rev 4.0 162 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R16412 (401Ch) Interrupt Status 4 Mask 9 IM_HC_DC2_E INT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 8 IM_HC_DC1_E INT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 7 IM_XTAL_STA RT_EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 3 IM_UV_DC4_E INT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 2 IM_UV_DC3_E INT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 1 IM_UV_DC2_E INT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 0 IM_UV_DC1_E INT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) Register 401Ch Interrupt Status 4 Mask REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R16413 (401Dh) Interrupt Status 5 Mask 11 IM_GP12_EIN T 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 10 IM_GP11_EIN T 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 9 IM_GP10_EIN T 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 8 IM_GP9_EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) |